Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10CTQ150PBF Datasheet(PDF) 6 Page - International Rectifier

Part # 10CTQ150PBF
Description  SCHOTTKY RECTIFIER 10 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10CTQ150PBF Datasheet(HTML) 6 Page - International Rectifier

  10CTQ150PBF Datasheet HTML 1Page - International Rectifier 10CTQ150PBF Datasheet HTML 2Page - International Rectifier 10CTQ150PBF Datasheet HTML 3Page - International Rectifier 10CTQ150PBF Datasheet HTML 4Page - International Rectifier 10CTQ150PBF Datasheet HTML 5Page - International Rectifier 10CTQ150PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10CTQ150PbF
6
Bulletin PD-20826 09/04
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 09/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
10
C
T
Q
150 PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (10 = 10A)
2
-
Circuit Configuration
C = Common Cathode
3
-
Package
T = TO-220
4
-
Schottky "Q" Series
5
-
Voltage Rating (150 = 150A)
6
-
none = Standard Production
PbF = Lead-Free
Tube Standard Pack Quantity : 50 pieces


Similar Part No. - 10CTQ150PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10CTQ150PBF VISHAY-10CTQ150PBF Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 5 A
Revision: 22-Aug-08
More results

Similar Description - 10CTQ150PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1045 MICROSEMI-MS1045 Datasheet
113Kb / 2P
   10 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
10CTQ150 IRF-10CTQ150 Datasheet
143Kb / 8P
   SCHOTTKY RECTIFIER 10 Amp
logo
Microsemi Corporation
MS1003 MICROSEMI-MS1003 Datasheet
119Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIER
MS1005 MICROSEMI-MS1005 Datasheet
120Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIER
MS10100 MICROSEMI-MS10100 Datasheet
120Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIER
FST1045 MICROSEMI-FST1045 Datasheet
127Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIER
FST1080 MICROSEMI-FST1080 Datasheet
132Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIER
FST10180 MICROSEMI-FST10180 Datasheet
146Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIER
logo
Central Semiconductor C...
CPD34X CENTRAL-CPD34X Datasheet
546Kb / 2P
   10 Amp Schottky Rectifier Chip
logo
Microsemi Corporation
MS1008 MICROSEMI-MS1008 Datasheet
120Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com