Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTH03SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 20CTH03SPBF
Description  Hyperfast Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CTH03SPBF Datasheet(HTML) 1 Page - International Rectifier

  20CTH03SPBF Datasheet HTML 1Page - International Rectifier 20CTH03SPBF Datasheet HTML 2Page - International Rectifier 20CTH03SPBF Datasheet HTML 3Page - International Rectifier 20CTH03SPBF Datasheet HTML 4Page - International Rectifier 20CTH03SPBF Datasheet HTML 5Page - International Rectifier 20CTH03SPBF Datasheet HTML 6Page - International Rectifier 20CTH03SPBF Datasheet HTML 7Page - International Rectifier 20CTH03SPBF Datasheet HTML 8Page - International Rectifier 20CTH03SPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Bulletin PD-21070 07/05
trr = 35ns max.
IF(AV) = 20Amp
VR = 300V
• Hyperfast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 175°C Operating Junction Temperature
• Lead-Free ("PbF" suffix)
Features
Hyperfast Rectifier
20CTH03SPbF
20CTH03-1PbF
Description/ Applications
International Rectifier's 300V series are the state of the art Hyperfast recovery rectifiers designed with optimized
performance of forward voltage drop and Hyperfast recovery time.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as
freewheeling diodes in low voltage inverters and chopper motor drives.
Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
Absolute Maximum Ratings
VRRM
Peak Repetitive Reverse Voltage
300
V
IF(AV)
Average Rectified Forward Current
@ TC = 160°C Per Diode
10
A
Per Device
20
IFSM
Non Repetitive Peak Surge Current @ TJ = 25°C
120
TJ, TSTG
Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units
www.irf.com
20CTH03SPbF
Case Styles
20CTH03-1PbF
TO-262
D2PAK
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - 20CTH03SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTH03SPBF VISHAY-20CTH03SPBF Datasheet
548Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED PtTM
Revision: 21Jul-08
20CTH03SPBF VISHAY-20CTH03SPBF Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
20CTH03SPBF VISHAY-20CTH03SPBF_10 Datasheet
177Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 20CTH03SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com