Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTH03 Datasheet(PDF) 3 Page - International Rectifier

Part # 20CTH03
Description  Hyperfast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CTH03 Datasheet(HTML) 3 Page - International Rectifier

  20CTH03 Datasheet HTML 1Page - International Rectifier 20CTH03 Datasheet HTML 2Page - International Rectifier 20CTH03 Datasheet HTML 3Page - International Rectifier 20CTH03 Datasheet HTML 4Page - International Rectifier 20CTH03 Datasheet HTML 5Page - International Rectifier 20CTH03 Datasheet HTML 6Page - International Rectifier 20CTH03 Datasheet HTML 7Page - International Rectifier 20CTH03 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
20CTH03PbF, 20CH03FPPbF
Bulletin PD-20893 rev. A 10/06
www.irf.com
Fig. 1 - Typical Forward Voltage Drop Characteristics
Reverse Voltage - V
R (V)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Forward Voltage Drop - V
FM (V)
Reverse Voltage - V
R (V)
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
t1, Rectangular Pulse Duration (Seconds)
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Tj = 175˚C
Tj = 125˚C
Tj = 25˚C
10
100
1000
0
50
100
150
200
250
300
T = 25˚C
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
0.001
0.01
0.1
1
10
100
50
100
150
200
250
300
125˚C
Tj = 175˚C
25˚C
50˚C
100˚C
150˚C
75˚C


Similar Part No. - 20CTH03

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTH03 IRF-20CTH03 Datasheet
225Kb / 9P
   Hyperfast Rectifier
logo
Vishay Siliconix
20CTH03 VISHAY-20CTH03 Datasheet
135Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED PtTM
Revision: 05-Sep-08
logo
Inchange Semiconductor ...
20CTH03 ISC-20CTH03 Datasheet
311Kb / 2P
   Hyperfast Rectifier
logo
International Rectifier
20CTH03-1 IRF-20CTH03-1 Datasheet
225Kb / 9P
   Hyperfast Rectifier
20CTH03-1 IRF-20CTH03-1 Datasheet
210Kb / 9P
   Hyperfast Rectifier
More results

Similar Description - 20CTH03

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com