Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30WQ04FNTRL Datasheet(PDF) 4 Page - International Rectifier

Part # 30WQ04FNTRL
Description  SCHOTTKY RECTIFIER 3.5 Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30WQ04FNTRL Datasheet(HTML) 4 Page - International Rectifier

  30WQ04FNTRL Datasheet HTML 1Page - International Rectifier 30WQ04FNTRL Datasheet HTML 2Page - International Rectifier 30WQ04FNTRL Datasheet HTML 3Page - International Rectifier 30WQ04FNTRL Datasheet HTML 4Page - International Rectifier 30WQ04FNTRL Datasheet HTML 5Page - International Rectifier 30WQ04FNTRL Datasheet HTML 6Page - International Rectifier 30WQ04FNTRL Datasheet HTML 7Page - International Rectifier 30WQ04FNTRL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
30WQ04FNPbF
Bulletin PD-21053 rev. B 08/06
4
www.irf.com
Fig. 5 - Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
(2)
Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
110
115
120
125
130
135
140
145
150
155
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
DC
F(AV)
see note (2)
Average Forward Current - I
(A)
Square wave (D = 0.50)
80%Rated V applied
R
0
0.5
1
1.5
2
2.5
3
0 0.5 11.5 2 2.5 33.5 44.5 5
DC
F(AV)
RMSLimit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
Average Forward Current - I
(A)
10
100
1000
10
100
1000
10000
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
p
Square Wave Pulse Duration - t
(microsec)


Similar Part No. - 30WQ04FNTRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30WQ04FNTRL VISHAY-30WQ04FNTRL Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
30WQ04FNTRL-M3 VISHAY-30WQ04FNTRL-M3 Datasheet
126Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 03-Nov-10
30WQ04FNTRLPBF VISHAY-30WQ04FNTRLPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
More results

Similar Description - 30WQ04FNTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30WQ06FNPBF IRF-30WQ06FNPBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 3.5 Amp
logo
Vishay Siliconix
30WQ04FNPBF VISHAY-30WQ04FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
30WQ06FNPBF VISHAY-30WQ06FNPBF Datasheet
108Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ03FNPBF VISHAY-30WQ03FNPBF_12 Datasheet
128Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
VS-30WQ10FNHM3 VISHAY-VS-30WQ10FNHM3_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 3.5 A
01-Jan-2022
VS-30WQ10FNPBF VISHAY-VS-30WQ10FNPBF Datasheet
166Kb / 9P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FN-M3 VISHAY-30WQ03FN-M3 Datasheet
129Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 03-Nov-10
30WQ10FNPBF VISHAY-30WQ10FNPBF_11 Datasheet
156Kb / 8P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FNPBF VISHAY-30WQ03FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ10FNPBF VISHAY-30WQ10FNPBF Datasheet
104Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com