Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62CTQ030 Datasheet(PDF) 1 Page - International Rectifier

Part # 62CTQ030
Description  SCHOTTKY RECTIFIER 60 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

62CTQ030 Datasheet(HTML) 1 Page - International Rectifier

  62CTQ030 Datasheet HTML 1Page - International Rectifier 62CTQ030 Datasheet HTML 2Page - International Rectifier 62CTQ030 Datasheet HTML 3Page - International Rectifier 62CTQ030 Datasheet HTML 4Page - International Rectifier 62CTQ030 Datasheet HTML 5Page - International Rectifier 62CTQ030 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
60 Amp
62CTQ030PbF
Bulletin PD-20859 10/04
1
Major Ratings and Characteristics
I
F(AV) Rectangular waveform
60
A
(Per Device)
I
FRM @ TC = 120°C
60
A
(Per Leg)
V
RRM
30
V
I
FSM @ tp = 5 µs sine
1500
A
V
F
@ 30 Apk, T
J = 125°C
0.44
V
T
J
range
- 65 to 150
°C
Characteristics
Values
Units
Description/ Features
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150° C junction
temperature. Typical applications are in switching power
supplies, converters, free-wheeling diodes, and reverse bat-
tery protection.
150° C T
J operation
Center tap TO-220 package
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
Case Styles
62CTQ030PbF
TO-220
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
www.irf.com
IF(AV) = 60Amp
VR = 30V


Similar Part No. - 62CTQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
62CTQ030 IRF-62CTQ030 Datasheet
103Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
62CTQ030 VISHAY-62CTQ030 Datasheet
108Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
62CTQ030 VISHAY-62CTQ030 Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 22-Jul-09
62CTQ030PBF VISHAY-62CTQ030PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
62CTQ030PBF VISHAY-62CTQ030PBF Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 22-Jul-09
More results

Similar Description - 62CTQ030

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SBR6090 MICROSEMI-SBR6090 Datasheet
127Kb / 2P
   60 Amp Schottky Rectifier
MS60180 MICROSEMI-MS60180 Datasheet
141Kb / 2P
   60 Amp Schottky Rectifier
SBR6030L MICROSEMI-SBR6030L Datasheet
126Kb / 2P
   60 Amp Schottky Rectifier
SBR6035PF MICROSEMI-SBR6035PF Datasheet
113Kb / 2P
   60 Amp Schottky Rectifier
SD51 MICROSEMI-SD51 Datasheet
127Kb / 2P
   60 Amp Schottky Rectifier
SBR6035 MICROSEMI-SBR6035_07 Datasheet
139Kb / 2P
   60 Amp Schottky Rectifier
logo
International Rectifier
60CPQ150PBF IRF-60CPQ150PBF Datasheet
203Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
logo
Microsemi Corporation
FST65150 MICROSEMI-FST65150 Datasheet
150Kb / 2P
   60 AMP SCHOTTKY RECTIFIER
SBR60150 MICROSEMI-SBR60150 Datasheet
138Kb / 2P
   60 AMP SCHOTTKY RECTIFIER
SBR6035PF MICROSEMI-SBR6035PF_07 Datasheet
121Kb / 2P
   60 Amp Schottky Rectifier
logo
International Rectifier
60CTQ150PBF IRF-60CTQ150PBF Datasheet
611Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com