Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3084U Datasheet(PDF) 10 Page - International Rectifier

Part # IR3084U
Description  XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084U Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3084U Datasheet HTML 6Page - International Rectifier IR3084U Datasheet HTML 7Page - International Rectifier IR3084U Datasheet HTML 8Page - International Rectifier IR3084U Datasheet HTML 9Page - International Rectifier IR3084U Datasheet HTML 10Page - International Rectifier IR3084U Datasheet HTML 11Page - International Rectifier IR3084U Datasheet HTML 12Page - International Rectifier IR3084U Datasheet HTML 13Page - International Rectifier IR3084U Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
IR3084U
Page 10 of 47
9/14/2005
PWM Control Method
The PWM block diagram of the XPhase
TM architecture is shown in Figure 3. Feed-forward voltage mode control
with trailing edge modulation is used. A high-gain wide-bandwidth voltage type error amplifier in the Control IC is
used for the voltage control loop. An external RC circuit connected to the input voltage and ground is used to
program the slope of the PWM ramp and to provide the feed-forward control at each phase. The PWM ramp
slope will change with the input voltage and automatically compensate for changes in the input voltage. The input
voltage can change due to variations in the silver box output voltage or due to drops in the PCB related to
changes in load current.
VSETPT
RVSETPT
RCS
PWM
COMPARATOR
GND
VOUT
RVFB
SYSTEM
REFERENCE
VOLTAGE
VBIAS
+
-
VBIAS
REGULATOR
VDAC
BIASIN
PWMRMP
CLOCK
PULSE
GENERATOR
DACIN
RAMP
DISCHARGE
CLAMP
ENABLE
VOSNS+
RAMPIN+
VOSNS-
RAMPIN-
ISHARE
VOSNS-
RDRP
VDRP
IIN
SCOMP
O% DUTY
CYCLE
COMPARATOR
VDRP
AMP
VDAC
IOFFSET
+
-
GATEH
CSIN+
GATEL
EAIN
CSIN-
VPEAK
50%
DUTY
CYCLE
RAMP GENERATOR
VVALLEY
RMPOUT
RRAMP1
RRAMP2
CURRENT
SENSE
AMP
RESET
DOMINANT
PWM
LATCH
S
SHARE
ADJUST
ERROR
AMP
X34
R
ERROR
AMP
RAMP
SLOPE
ADJUST
IROSC
EAOUT
X
0.91
FB
CONTROL IC
COUT
20mV
+
-
10K
+
-
+
-
10K
RRAMP1
CCS RCS
RRAMP2
BIASIN
RAMPIN-
EAIN
ISHARE
PWMRMP
SCOMP
RAMPIN+
CSIN+
GATEH
DACIN
CSIN-
GATEL
VIN
PHASE IC
PHASE IC
PWM
LATCH
CURRENT
SENSE
AMP
SHARE
ADJUST
ERROR
AMP
X34
RESET
DOMINANT
S
R
CLOCK
PULSE
GENERATOR
20mV
PWM
COMPARATOR
ENABLE
RAMP
SLOPE
ADJUST
RAMP
DISCHARGE
CLAMP
SYSTEM
REFERENCE
VOLTAGE
O% DUTY
CYCLE
COMPARATOR
X
0.91
CCS
CSCOMP
CPWMRMP
RPWMRMP
CSCOMP
CPWMRMP
RPWMRMP
Figure 3 – IR3084U PWM Block Diagram
Frequency and Phase Timing Control
The oscillator is located in the Control IC and its frequency is programmable from 150kHz to 1MHZ by an external
resistor. The output of the oscillator is a 50% duty cycle triangle waveform with peak and valley voltages of
approximately 5V and 1V. This signal is used to program both the switching frequency and phase timing of the
Phase ICs. The Phase IC is programmed by resistor divider RRAMP1 and RRAMP2 connected between the
VBIAS reference voltage and the Phase IC LGND pin. A comparator in the Phase ICs detects the crossing of the
oscillator waveform with the voltage generated by the resistor divider and triggers a clock pulse that starts the
PWM cycle. The peak and valley voltages track the VBIAS voltage reducing potential Phase IC timing errors.
Figure 4 shows the Phase timing for an 8 phase converter. Note that both slopes of the triangle waveform can be
used for synchronization by swapping the RAMP + and – pins.


Similar Part No. - IR3084U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3084 IRF-IR3084 Datasheet
766Kb / 45P
   XPHASETM VR 10/11 CONTROL IC
IR3084A IRF-IR3084A Datasheet
682Kb / 45P
   XPHASE TM VR 10/11 CONTROL IC
IR3084AMPBF IRF-IR3084AMPBF Datasheet
682Kb / 45P
   XPHASE TM VR 10/11 CONTROL IC
IR3084AMTRPBF IRF-IR3084AMTRPBF Datasheet
682Kb / 45P
   XPHASE TM VR 10/11 CONTROL IC
IR3084MPBF IRF-IR3084MPBF Datasheet
766Kb / 45P
   XPHASETM VR 10/11 CONTROL IC
More results

Similar Description - IR3084U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
   3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
   2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3081A IRF-IR3081A Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
IR3084 IRF-IR3084 Datasheet
766Kb / 45P
   XPHASETM VR 10/11 CONTROL IC
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3510 IRF-IR3510 Datasheet
26Kb / 1P
   HOT-SWAP N1 REDUNDANT XPHASETM CONTROL IC
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
logo
ON Semiconductor
NCP5385 ONSEMI-NCP5385 Datasheet
474Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
   6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com