Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC30FPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4BC30FPBF
Description  Fast Speed IGBT INSULATED GATE BIPOLAR TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30FPBF Datasheet(HTML) 4 Page - International Rectifier

  IRG4BC30FPBF Datasheet HTML 1Page - International Rectifier IRG4BC30FPBF Datasheet HTML 2Page - International Rectifier IRG4BC30FPBF Datasheet HTML 3Page - International Rectifier IRG4BC30FPBF Datasheet HTML 4Page - International Rectifier IRG4BC30FPBF Datasheet HTML 5Page - International Rectifier IRG4BC30FPBF Datasheet HTML 6Page - International Rectifier IRG4BC30FPBF Datasheet HTML 7Page - International Rectifier IRG4BC30FPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRG4BC30FPbF
4
www.irf.com
Fig. 6- Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
1.0
1.5
2.0
2.5
-60
-40
-20
0
20
40
60
80
100 120 140 160
V
= 15V
80µs PULSE WIDTH
GE
A
T , Junction Temperature (°C)
J
I
= 8.5A
I
= 17A
I
= 34A
C
C
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Rectangular Pulse Duration (sec)
1
D = 0.50
0.01
0.02
0.05
0.10
0.20
SINGLE PULSE
(THERMAL RESPONSE)
P
t 2
1
t
DM
Notes:
1. Duty factor D = t
/ t
2. Peak T = P
x Z
+ T
12
J
DM
thJC
C
0
10
20
30
40
25
50
75
100
125
150
T , Case Temperature (°C)
C
V
= 15V
GE


Similar Part No. - IRG4BC30FPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30FPBF IRF-IRG4BC30FPBF Datasheet
311Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC30FPBF IRF-IRG4BC30FPBF_15 Datasheet
311Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4BC30FPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40FPBF IRF-IRG4BC40FPBF Datasheet
260Kb / 8P
   Fast Speed IGBT INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRGMC50F IRF-IRGMC50F Datasheet
552Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4PC30FPBF IRF-IRG4PC30FPBF Datasheet
273Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4PC60F-PPBF IRF-IRG4PC60F-PPBF Datasheet
231Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR (Fast Speed IGBT)
IRG4PC60FPBF IRF-IRG4PC60FPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4MC30F IRF-IRG4MC30F Datasheet
142Kb / 8P
   Fast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50FPBF IRF-IRG4PC50FPBF Datasheet
304Kb / 8P
   Fast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC60F-P IRF-IRG4PC60F-P Datasheet
119Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
IRG4BC30S-SPBF IRF-IRG4BC30S-SPBF Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com