Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DEB-2-W20R Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2DEB-2-W20R
Description  Integrated ESD Protection Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2DEB-2-W20R Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2DEB-2-W20R Datasheet HTML 1Page - Bourns Electronic Solutions 2DEB-2-W20R Datasheet HTML 2Page - Bourns Electronic Solutions 2DEB-2-W20R Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2DEA Integrated ESD Protection Diode Array
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
No. of Pieces No. of Pieces
Package
A0
B0
K0
Width
Pitch
per 13
reel
per tube
QSOP
24 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
56
WBSOIC
20 Pin
13 (0.519)
10.8 (0.425)
2.8 (0.110)
24 (0.945)
8 (0.315)
3,500
37
04/07
A0
B0
K0
DIMENSIONS = MM (INCHES)
Typical Part Marking
Represents total content. Layout may vary.
24Q
DEA002
YYWW
PRODUCT
FUNCTION
PIN COUNT
PACKAGE STYLE
DATE CODE
MANUFACTURER'S
TRADEMARK
PIN 1 INDICATOR
(MOLDED INDENT)
How To Order
2 DEA - 2 - Q 24 R LF
Product Class
Thin-Film-on-Silicon
Product Function
ESD Protection Diode Array
DEA = 20 Lines
DEB = 17 Lines
Standard
Standard Package Style
Q =
QSOP
W =
Wide-Body SOIC
Pin Count
Q = 24
W = 20
Dispensing
R = Reel
T = Tube
Terminations
LF = 100 % Sn (lead free)
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - 2DEB-2-W20R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
2DE19P ITT-2DE19P Datasheet
405Kb / 11P
   The Centi Line - .075 Contact Spacing
2DE19S ITT-2DE19S Datasheet
405Kb / 11P
   The Centi Line - .075 Contact Spacing
2DEF100PBRF171 ITT-2DEF100PBRF171 Datasheet
405Kb / 11P
   The Centi Line - .075 Contact Spacing
2DEF100PBRF172 ITT-2DEF100PBRF172 Datasheet
405Kb / 11P
   The Centi Line - .075 Contact Spacing
2DEF100PBRF173 ITT-2DEF100PBRF173 Datasheet
405Kb / 11P
   The Centi Line - .075 Contact Spacing
More results

Similar Description - 2DEB-2-W20R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
   Integrated ESD Protection array
KS05E4 SECOS-KS05E4_15 Datasheet
96Kb / 3P
   Integrated ESD Protection Array
KS05V4 SECOS-KS05V4_15 Datasheet
99Kb / 3P
   Integrated ESD Protection Array
KS05E4 SECOS-KS05E4 Datasheet
96Kb / 3P
   Integrated ESD Protection Array
logo
Jinan Jing Heng Electro...
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
   ESD Protection Diode Array
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
   ESD Protection Diode Array
Rev. 2, 02-Jun-03
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
   ESD Protection Diode Array
ESDN10L2510C5V04R JINGHENG-ESDN10L2510C5V04R Datasheet
471Kb / 4P
   ESD Protection Diode Array
ESDT23A3V02V JINGHENG-ESDT23A3V02V Datasheet
494Kb / 4P
   ESD Protection Diode Array
ESDT23C5V02V JINGHENG-ESDT23C5V02V Datasheet
432Kb / 4P
   ESD Protection Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com