Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS20351-NP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PS20351-NP
Description  Generation DIP and Mini-DIP-IPM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS20351-NP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS20351-NP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS20351-NP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.mitsubishichips.com · www. mitsubishielectric.de
57
2.
2.12 2nd Generation DIP and Mini-DIP-IPM
Features:
Ultra Compact Transfer Mold Package
Including Drive and Protection ICs
(low and high voltage drive ICs)
Low and High Speed Types
All Mitsubishi DIP and Mini-DIP-IPMs have lead-free terminals
From January 2006 onwards, all DIP and Mini-DIP-IPMs will
be supplied with completely lead-free technology
Circuit Diagram
#
: reduced t
dead
Type
V
CES
(V)
Isolation
Voltage
(V
rms)
Motor Rating (kW)
0.1
0.2
0.4
0.75
1.5
2.0
DIP
Low speed
fPWM 5kHz
600
2500
PS21244-EP
PS21245-EP
PS21246-EP
High speed
fPWM 15kHz
PS21254-EP
PS21255-EP
Mini
DIP
Low speed
fPWM 5kHz
500 / 600
PS20341-GP
PS20341-NP#
PS21342-GP
PS21342-NP#
PS21343-GP
PS21343-NP#
High speed
fPWM 15kHz
PS20351-GP
PS20351-NP#
PS21351-NP#
PS21352-GP
PS21352-NP#
PS21353-GP
PS21353-NP#
Line-up DIP & Mini-DIP-IPM


Similar Part No. - PS20351-NP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
More results

Similar Description - PS20351-NP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21065 MITSUBISHI-PS21065 Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
logo
Xilinx, Inc
DS823 XILINX-DS823 Datasheet
770Kb / 33P
   DIP-4 and DIP-2 parity generation and verification
logo
Powerex Power Semicondu...
DK-PS21963 POWEREX-DK-PS21963 Datasheet
543Kb / 4P
   Version 4 Super Mini DIP-IPM Basic Development Board
DK-PS21767 POWEREX-DK-PS21767 Datasheet
270Kb / 4P
   Demo board for Mini DIP-IPM Ver.4 series
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
   DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
Analog Devices
ADG419 AD-ADG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
logo
SUYIN USA, INC.
030336FR006T100ZU SUYIN-USA-030336FR006T100ZU Datasheet
101Kb / 1P
   ULTRA THIN MINI DIN DIP TYPE
logo
Analog Devices
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_09 Datasheet
317Kb / 16P
   LC2MOS Precision Mini-DIP Analog Switch
REV. B
logo
SUYIN USA, INC.
030238FR007T100ZU SUYIN-USA-030238FR007T100ZU Datasheet
131Kb / 1P
   ULTRA THIN MINI DIN DIP TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com