Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7B34-04-1 Datasheet(PDF) 4 Page - Analog Devices

Part # 7B34-04-1
Description  Isolated, Linearized RTD Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B34-04-1 Datasheet(HTML) 4 Page - Analog Devices

  7B34-04-1 Datasheet HTML 1Page - Analog Devices 7B34-04-1 Datasheet HTML 2Page - Analog Devices 7B34-04-1 Datasheet HTML 3Page - Analog Devices 7B34-04-1 Datasheet HTML 4Page - Analog Devices 7B34-04-1 Datasheet HTML 5Page - Analog Devices 7B34-04-1 Datasheet HTML 6Page - Analog Devices 7B34-04-1 Datasheet HTML 7Page - Analog Devices 7B34-04-1 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7B34
Rev. 0 | Page 4 of 8
Input Offset vs. Temperature
±1 µV/°C
Zero Suppression vs. Temperature
±0.002% (Rz/Rspan)3/°C
Span vs. Temperature
±60 ppm/°C
Output Offset vs. Temperature
±0.002% Span/°C
Lead Resistance Effect
±0.02°C /
Output Noise
5 MHz Bandwidth
10 mV peak
10 Hz to 100 kHz Bandwidth
0.4 mV rms
0.1 Hz to 10 Hz Bandwidth
0.6 µV peak
Bandwidth, -3 dB
3 Hz
Output Rise Time, 10% to 90% Span
250 ms
Common-Mode Voltage (CMV)
Input-to-Output and Power
1500 V rms, continuous
Common Mode Rejection (CMR)
Input-to-Output and Power @ 50/60 Hz
160 dB
Normal Mode Rejection @ 50/60 Hz
60 dB
Input Protection
120 V rms, continuous±35 V dc, continuous
Input Transient Protection
ANSI/IEEE C376.90.1-1989
IEEE-STD 472
IEC 255-4, Class II
Output Resistance
< 1
Voltage Output Protection
Continuous Short to Ground
Power Supply
Voltage Range, Operating
+14 V dc to +35 V dc
Current
+25 mA, maximum
Sensitivity
±0.0001%/% of Vs
Mechanical Dimensions
1.663" x 2.11" x 0.563"(42.24 mm x 53.6 mm x 14.3 mm)
Weight
60 grams
Environmental
Temperature Range
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity, 24 hours
0 to 90% @ +60°C noncondensing
ESD Sensitivity
IEC 801-2, Level 2
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
Warm-up time required to meet specifications is approximately 10 minutes.
* Contact factory for OEM requirements.
1Includes the combined effects of repeatability, hysteresis, and nonlinearity.
2Nonlinearity is calculated using best-fit straight line method.
3Rz is the value of the RTD resistance at the lowest measurement point. R
span is the change in resistance over the measurement span.
Specifications subject to change without notice.


Similar Part No. - 7B34-04-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B34 AD-7B34_15 Datasheet
550Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
More results

Similar Description - 7B34-04-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B34 AD-5B34 Datasheet
697Kb / 8P
   Isolated Linearized RTD Input
REV. 0
3B34 AD-3B34_15 Datasheet
399Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
3B34 AD-3B34 Datasheet
358Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
5B34 AD-5B34_15 Datasheet
699Kb / 8P
   Isolated Linearized RTD Input
REV. 0
7B34 AD-7B34_15 Datasheet
550Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
7B14 AD-7B14_15 Datasheet
535Kb / 8P
   Non Isolated, Linearized RTD Input
REV. 0
7B14 AD-7B14 Datasheet
529Kb / 8P
   Non Isolated, Linearized RTD Input
REV. 0
5B35 AD-5B35_15 Datasheet
697Kb / 9P
   Isolated Linearized 4-Wire RTD Input
REV. 0
5B47 AD-5B47 Datasheet
703Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
logo
List of Unclassifed Man...
DI-8B35 ETC1-DI-8B35 Datasheet
321Kb / 2P
   Linearized 4-Wire RTD Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com