Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM23TGN Datasheet(PDF) 1 Page - MTRONPTI

Part # MM23TGN
Description  5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

MM23TGN Datasheet(HTML) 1 Page - MTRONPTI

  MM23TGN Datasheet HTML 1Page - MTRONPTI MM23TGN Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
MM Series
5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator
Revision: 03-13-07
NOTE: A capacitor of value 0.01
µF or greater between Vdd and
Ground is recommended.
Tri-state Control Logic
Pin 1 high or floating: clock signal output.
Pin 1 low: output disabled to high impedance.
DENOTES PIN 1
AT-strip crystal in a miniature ceramic
surface mount package.
TTL and HCMOS compatible
Tri-state output is optional
THIS PRODUCT IS NOT RECOMMENDED FOR NEW DESIGNS.
PLEASE REFER TO THE M1 PRODUCT SERIES.


Similar Part No. - MM23TGN

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
MM232R FTDI-MM232R Datasheet
1,020Kb / 19P
   Mini USB- Serial UART Development Module
More results

Similar Description - MM23TGN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M313FAN MTRONPTI-M313FAN Datasheet
303Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL, Surface Mount Oscillator
M2250 MTRONPTI-M2250_07 Datasheet
284Kb / 2P
   5x7 mm, 2.5 Volt, HCMOS/TTL, Clock Oscillator
M2180 MTRONPTI-M2180 Datasheet
262Kb / 1P
   5x7 mm, 1.8 Volt, HCMOS/TTL, Clock Oscillator
M113FAN MTRONPTI-M113FAN Datasheet
274Kb / 2P
   5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M2250 MTRONPTI-M2250 Datasheet
271Kb / 1P
   5x7 mm, 2.5 Volt, HCMOS/TTL, Clock Oscillator
M2250 MTRONPTI-M2250 Datasheet
408Kb / 2P
   5x7 mm, 2.5 Volt, HCMOS/TTL, Clock Oscillator
M2 MTRONPTI-M2_08 Datasheet
456Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M213FAN MTRONPTI-M213FAN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
logo
Crystek Corporation
CSO-016T CRYSTEKCRYSTAL-CSO-016T Datasheet
111Kb / 1P
   5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
logo
MTRONPTI
M2 MTRONPTI-M2_12 Datasheet
435Kb / 3P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock OscillatorPARAMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com