Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43888 Datasheet(PDF) 10 Page - EPCOS

Part # B43888
Description  Single-ended capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43888 Datasheet(HTML) 10 Page - EPCOS

Back Button B43888 Datasheet HTML 6Page - EPCOS B43888 Datasheet HTML 7Page - EPCOS B43888 Datasheet HTML 8Page - EPCOS B43888 Datasheet HTML 9Page - EPCOS B43888 Datasheet HTML 10Page - EPCOS B43888 Datasheet HTML 11Page - EPCOS B43888 Datasheet HTML 12Page - EPCOS B43888 Datasheet HTML 13Page - EPCOS B43888 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Lead spacing 3.5 mm (
∅ d = 8 mm)
Last 3 digits of ordering code: 006
Dimensions in mm
∅ d
F
H
W
W0
W1
W2
P
P0
P1
I1
t
∆h
D0
8
3.5
18.5
18.0
12.5
9.0
1.5
12.7
12.7
4.6
1.0
0.7
1.0
4.0
Toler-
ance
+0.8
02
1.0
±0.5 min. ±0.5 max. ±1.0 ±0.2 ±0.5 max. ±0.2 max. ±0.2
B43888
Very long useful life
105
°C
Page 10 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43888

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43888 EPCOS-B43888 Datasheet
573Kb / 27P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B43888 TDK-B43888 Datasheet
501Kb / 28P
   Aluminum electrolytic capacitors
logo
EPCOS
B43888C1107M000 EPCOS-B43888C1107M000 Datasheet
573Kb / 27P
   Aluminum electrolytic capacitors
B43888C1107M002 EPCOS-B43888C1107M002 Datasheet
573Kb / 27P
   Aluminum electrolytic capacitors
B43888C1107M008 EPCOS-B43888C1107M008 Datasheet
573Kb / 27P
   Aluminum electrolytic capacitors
More results

Similar Description - B43888

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com