Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3580 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3580
Description  Direct-Conversion TV Tuner
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3580 Datasheet HTML 1Page - Maxim Integrated Products MAX3580 Datasheet HTML 2Page - Maxim Integrated Products MAX3580 Datasheet HTML 3Page - Maxim Integrated Products MAX3580 Datasheet HTML 4Page - Maxim Integrated Products MAX3580 Datasheet HTML 5Page - Maxim Integrated Products MAX3580 Datasheet HTML 6Page - Maxim Integrated Products MAX3580 Datasheet HTML 7Page - Maxim Integrated Products MAX3580 Datasheet HTML 8Page - Maxim Integrated Products MAX3580 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Direct-Conversion TV Tuner
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
170
230
Operating Frequency Range
fRF
Gain specification met across this
frequency band
470
878
MHz
RF_AGC = BB_AGC = +2.85V
74
Overall Voltage Gain (Note 2)
RF_AGC = BB_AGC = +0.5V
26
dB
RF Gain Flatness
Within each VHF-III and UHF band (Note 10)
-3
+3
dB
Input Return Loss
Worst case across band selected, 75
Ω system
7
dB
230MHz
5.4
470MHz
4.7
Noise Figure (DSB) (Notes 3, 4)
NF
858MHz
6.5
dB
Broadband (Notes 4, 5)
12
Input 2nd-Order Intercept Point
IIP2
Broadband, RF_AGC adjusted for 49dB of gain
> 26
dBm
Broadband (Notes 4, 6)
> -4
Broadband, RF_AGC adjusted for 49dB of gain
> 12
Narrowband (Notes 4, 7)
-15
Input 3rd-Order Intercept Point
IIP3
Narrowband, RF_AGC adjusted for 49dB of
gain (Note 7)
3
dBm
PDESIRED = -78dBm and converted to
3.75MHz, PTONE 10MHz higher (Note 4)
-24
RF 1dB Desense
RF_AGC adjusted for 49dB of gain,
PDESIRED = -55dBm
-1
dBm
RF input range of 170MHz to 960MHz (Note 8)
-60
LO Harmonic Reception
RF input range of 960MHz to 1400MHz
> -40
dBc
RF Channel Flatness
8MHz RF channel at baseband, tested at
169MHz and 469MHz
-1
+1
dB
Isolation
DC to 30MHz, RF input to baseband output,
relative to desired channel
> 60
dBc
I/Q phase error at 1MHz
-3
+3
Degrees
Quadrature Accuracy
I/Q amplitude error at 1MHz
-1.5
+1.5
dB
50MHz to 470MHz
-50
-20
470MHz to 878MHz
-50
-35
Spurious at the RF Input (Note 3)
878MHz to 1732MHz
< -50
-20
dBmV
At 1kHz to 10kHz (Note 3)
-80
-90
At 100kHz (Note 3)
-94
-107
Phase Noise (Single-Sideband,
Closed Loop)
ΦN
At 1MHz
-130
dBc/Hz
AC ELECTRICAL CHARACTERISTICS
(MAX3580 EV kit, VCC = +3.1V to +3.5V, GND = 0V. RF_AGC = BB_AGC = +2.85V, RF input terminated into a 75Ω load, BBI_ and
BBQ_ loaded by RL greater than 2kΩ and CL less than 10pF, VCO active, registers are set according to the recommended default
register conditions, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise
noted.) (Note 1)


Similar Part No. - MAX3580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580 MAXIM-MAX3580 Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
MAX3580 MAXIM-MAX3580 Datasheet
376Kb / 7P
   3.1V to 3.5V Single-Supply Operation
Rev 0; 7/07
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
More results

Similar Description - MAX3580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580 MAXIM-MAX3580_07 Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580 MAXIM-MAX3580_09 Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Toshiba Semiconductor
TA1375FG TOSHIBA-TA1375FG Datasheet
233Kb / 24P
   Single Conversion Tuner for Digital TV / CATV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com