Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8511 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8511
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8511 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8511 Datasheet HTML 3Page - Maxim Integrated Products MAX8511 Datasheet HTML 4Page - Maxim Integrated Products MAX8511 Datasheet HTML 5Page - Maxim Integrated Products MAX8511 Datasheet HTML 6Page - Maxim Integrated Products MAX8511 Datasheet HTML 7Page - Maxim Integrated Products MAX8511 Datasheet HTML 8Page - Maxim Integrated Products MAX8511 Datasheet HTML 9Page - Maxim Integrated Products MAX8511 Datasheet HTML 10Page - Maxim Integrated Products MAX8511 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Ultra-Low-Noise, High PSRR,
Low-Dropout, 120mA Linear Regulators
_______________________________________________________________________________________
9
Chip Information
TRANSISTOR COUNT: 284
PROCESS: BiCMOS
MAX8511
OUTPUT PRESET
1.5V TO 4.5V
IN
INPUT
2V TO 6V
OFF
SHDN
COUT = 1
µF
CIN = 1
µF
OUT
ON
GND
Typical Operating
Circuits (continued)
Output Voltage Selector Guide
PART
VOUT (V)
TOP MARK
MAX8510EXK16-T
1.6
AEX
MAX8510EXK18-T
1.8
AEA
MAX8510EXK25-T
AEB
MAX8510ETA25+T
2.5
AAO
MAX8510EXK27-T
2.7
AEC
MAX8510EXK28-T
AED
MAX8510ETA28+T
2.8
AAR
MAX8510EXK29-T
2.85
ADS
MAX8510EXK30-T
ADT
MAX8510ETA30+T
3
AAS
MAX8510EXK33-T
AEE
MAX8510ETA33+T
3.3
AAT
MAX8510EXK45-T
AGC
MAX8510ETA45+T
4.5
AAU
MAX8511EXK15-T
1.5
ADU
MAX8511EXK18-T
AEF
MAX8511ETA18+T
1.8
AAV
MAX8511EXK25-T
ADV
MAX8511ETA25+T
2.5
AAP
MAX8511EXK26-T
AEG
MAX8511ETA26+T
2.6
AAW
MAX8511EXK28-T
2.8
AFA
MAX8511EXK29-T
AFQ
MAX8511ETA29+T
2.85
AAX
MAX8511EXK89-T
2.9
AEH
MAX8511EXK31-T
3.1
ARS
MAX8511EXK33-T
AEI
MAX8511ETA33+T
3.3
AAY
MAX8511EXK45-T
4.5
AEJ
MAX8512EXK-T
ADW
MAX8512ETA+T
Adjustable
AAQ
MAX8512
OUTPUT ADJUSTABLE
1.5V TO 4.5V
IN
INPUT
2V TO 6V
OFF
SHDN
R1
R2
COUT = 1
µF
CIN = 1
µF
OUT
ON
FB
GND
(Note: Standard output voltage options, shown in bold, are
available. Contact the factory for other output voltages between
1.5V and 4.5V. Minimum order quantity is 15,000 units.)
Ordering Information (continued)
*xy is the output voltage code (see Output Voltage Selector
Guide). Other versions between 1.5V and 4.5V are available in
100mV increments. Contact factory for other versions.
EP**= Exposed pad.
+Denotes lead-free package.
PART*
TEMP RANGE
PIN-PACKAGE
MAX8510EXKxy+T
-40°C to +85°C
5 SC70-5
MAX8510ETAxy+T
-40°C to +85°C
8 Thin DFN-EP**
2mm x 2mm
MAX8511EXKxy-T
-40°C to +85°C
5 SC70-5
MAX8511EXKxy+T
-40°C to +85°C
5 SC70-5
MAX8511ETAxy+T
-40°C to +85°C
8 Thin DFN-EP**
2mm x 2mm
MAX8512EXK-T
-40°C to +85°C
5 SC70-5
MAX8512EXK+T
-40°C to +85°C
5 SC70-5
MAX8512ETA+T
-40°C to +85°C
8 Thin DFN-EP**
2mm x 2mm


Similar Part No. - MAX8511

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8511ETA18-T MAXIM-MAX8511ETA18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8511ETA25-T MAXIM-MAX8511ETA25-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8511ETA26-T MAXIM-MAX8511ETA26-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8511ETA29-T MAXIM-MAX8511ETA29-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8511ETA33-T MAXIM-MAX8511ETA33-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
More results

Similar Description - MAX8511

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
   Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
   Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
   Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com