Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8511 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8511
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8511 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8511 Datasheet HTML 1Page - Maxim Integrated Products MAX8511 Datasheet HTML 2Page - Maxim Integrated Products MAX8511 Datasheet HTML 3Page - Maxim Integrated Products MAX8511 Datasheet HTML 4Page - Maxim Integrated Products MAX8511 Datasheet HTML 5Page - Maxim Integrated Products MAX8511 Datasheet HTML 6Page - Maxim Integrated Products MAX8511 Datasheet HTML 7Page - Maxim Integrated Products MAX8511 Datasheet HTML 8Page - Maxim Integrated Products MAX8511 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ultra-Low-Noise, High PSRR,
Low-Dropout, 120mA Linear Regulators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VOUT + 0.5V, TA = -40°C to +85°C, unless otherwise noted. CIN = 1µF, COUT = 1µF, CBP = 10nF. Typical values are at +25°C;
the MAX8512 is tested with 2.45V output, unless otherwise noted.) (Note 1)
Note 1: Limits are 100% tested at +25°C. Limits over operating temperature range are guaranteed by design.
Note 2: Dropout is defined as VIN - VOUT when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V.
Note 3: Time needed for VOUT to reach 90% of final value.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX8510
11
f = 100Hz to 100kHz,
ILOAD = 10mA
MAX8511/MAX8512
230
MAX8510
13
Output Noise Voltage
(RMS)
f = 100Hz to 100kHz,
ILOAD = 80mA
MAX8511/MAX8512
230
µV
Shutdown Exit Delay
RLOAD = 50
Ω (Note3)
300
µs
SHDN Logic Low Level
VIN = 2V to 6V
0.4
V
SHDN Logic High Level
VIN = 2V to 6V
1.5
V
TA = +25°C
SHDN Input Bias Current
VIN = 6V, SHDN = 0V or
6V
TA = +85°C
0.01
µA
TA = +25°C
0.006
0.1
FB Input Bias Current
(MAX8512)
VIN = 6V,VFB = 1.3V
TA = +85°C
0.01
µA
Thermal Shutdown
160
°C
Thermal-Shutdown
Hysteresis
10
°C
Typical Operating Characteristics
(VIN = VOUT + 0.5V, CIN = 1µF, COUT = 1µF, CBP = 10nF, TA = +25°C, unless otherwise noted.)
MAX8510
OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5
4
3
2
1
0.5
1.0
1.5
2.0
2.5
3.0
0.0
06
IOUT = 120mA
IOUT = 0mA
MAX8510
OUTPUT VOLTAGE ACCURACY
vs. LOAD CURRENT
LOAD CURRENT (mA)
100
80
60
40
20
-0.4
-0.2
0
0.2
0.4
0.6
-0.6
0
120
MAX8510
OUTPUT VOLTAGE ACCURACY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-40
85
IOUT = 1mA


Similar Part No. - MAX8511

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8511ETA18-T MAXIM-MAX8511ETA18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8511ETA25-T MAXIM-MAX8511ETA25-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8511ETA26-T MAXIM-MAX8511ETA26-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8511ETA29-T MAXIM-MAX8511ETA29-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8511ETA33-T MAXIM-MAX8511ETA33-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
More results

Similar Description - MAX8511

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
   Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
   Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
   Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com