Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8751 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8751
Description  Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8751 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8751 Datasheet HTML 2Page - Maxim Integrated Products MAX8751 Datasheet HTML 3Page - Maxim Integrated Products MAX8751 Datasheet HTML 4Page - Maxim Integrated Products MAX8751 Datasheet HTML 5Page - Maxim Integrated Products MAX8751 Datasheet HTML 6Page - Maxim Integrated Products MAX8751 Datasheet HTML 7Page - Maxim Integrated Products MAX8751 Datasheet HTML 8Page - Maxim Integrated Products MAX8751 Datasheet HTML 9Page - Maxim Integrated Products MAX8751 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Fixed-Frequency, Full-Bridge CCFL Inverter
Controller
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 24V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HF Input-Frequency Range
Slave mode, VCNTL = VCC
20
100
kHz
HSYNC Input Frequency Range
Slave mode, VCNTL = VCC
190
460
kHz
HFCK Input Frequency Range
Slave mode, VCNTL = VCC
120
600
kHz
DPWM Chopping Frequency
RLF = 150k
202
215
Hz
LF Input Frequency Range
Slave mode, VCNTL = VCC
80
300
Hz
LSYNC Input Frequency Range
RLF = 150k
120
280
Hz
CNTL Minimum Duty Cycle
Threshold
0.21
0.26
V
CNTL Maximum Duty Cycle
Threshold
1.9
2.1
V
CNTL Input Threshold
Slave mode
4.2
4.9
mV
Note 1: Actual switching frequency is 1/6 of the HFCK.
Note 2: -40°C specifications are guaranteed by design, not production tested.


Similar Part No. - MAX8751

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
320Kb / 9P
   8V to 24V Input Range
Rev 0; 1/06
MAX8751EVKIT MAXIM-MAX8751EVKIT Datasheet
320Kb / 9P
   8V to 24V Input Range
Rev 0; 1/06
More results

Similar Description - MAX8751

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8729 MAXIM-MAX8729 Datasheet
395Kb / 26P
   Constant-Frequency, Half-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
   Full Bridge CCFL Controller
logo
Microsemi Corporation
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
   Full Bridge Resonant CCFL Controller
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
   Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
   Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
   TM Full Bridge Resonant CCFL Controller
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com