Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP17 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SP17
Description  TinyLogic ULP Single Buffer with Schmitt Trigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP17 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SP17_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7SP17_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP17_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP17_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP17_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP17_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP17_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP17_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP17_05 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Max
Min
Max
VOH
HIGH Level
0.90
VCC  0.1
VCC  0.1
V
IOH 20 PA
Output Voltage
1.10
d VCC d 1.30 VCC  0.1
VCC  0.1
1.40
d VCC d 1.60 VCC  0.1
VCC  0.1
1.65
d VCC d 1.95 VCC  0.1
VCC  0.1
2.30
d VCC d 2.70 VCC  0.1
VCC  0.1
3.00
d VCC d 3.60 VCC  0.1
VCC  0.1
1.10
d VCC d 1.30 0.75 x VCC
0.70 x VCC
IOH 0.5 mA
1.40
d VCC d 1.60
1.07
0.99
IOH 1 mA
1.65
d VCC d 1.95
1.24
1.22
IOH 1.5 mA
2.30
d VCC d 2.70
1.95
1.87
IOH 2.1 mA
3.00
d VCC d 3.60
2.61
2.55
IOH 2.6 mA
VOL
LOW Level
0.90
0.1
0.1
V
IOL 20 PA
Output Voltage
1.10
d VCC d 1.30
0.1
0.1
1.40
d VCC d 1.60
0.1
0.1
1.65
d VCC d 1.95
0.1
0.1
2.30
d VCC d 2.70
0.1
0.1
3.00
d VCC d 3.60
0.1
0.1
1.10
d VCC d 1.30
0.30 x VCC
0.30 x VCC
IOL 0.5 mA
1.40
d VCC d 1.60
0.31
0.37
IOL 1 mA
1.65
d VCC d 1.95
0.31
0.35
IOL 1.5 mA
2.30
d VCC d 2.70
0.31
0.33
IOL 2.1 mA
3.00
d VCC d 3.60
0.31
0.33
IOL 2.6 mA
IIN
Input Leakage Current
0.90 to 3.60
r0.1
r0.5
PA0 d VI d 3.6V
IOFF
Power Off Leakage Current
0
0.5
0.5
PA0 d (VI, VO) d 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
0.9
PAVI VCC or GND
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
0.90
27
ns
Figures
1, 2
tPLH
1.10
d VCC d 1.30
3.5
11
21.8
3.0
34.3
1.40
d VCC d 1.60
2.5
7
14.8
2.0
15.0
CL 10 pF
1.65
d VCC d 1.95
2.0
6
12.0
1.5
12.2
RL 1 M:
2.30
d VCC d 2.70
1.5
5
9.4
1.0
9.9
3.00
d VCC d 3.60
1.0
4
8.3
1.0
9.0
tPHL
Propagation Delay
0.90
30
ns
Figures
1, 2
tPLH
1.10
d VCC d 1.30
4.0
11
22.8
3.5
37.3
1.40
d VCC d 1.60
3.0
8
15.5
2.5
16.5
CL 15 pF
1.65
d VCC d 1.95
2.5
6
12.6
2.0
13.6
RL 1 M:
2.30
d VCC d 2.70
2.0
5
9.9
1.5
10.8
3.00
d VCC d 3.60
1.5
4
8.7
1.0
9.5
tPHL
Propagation Delay
0.90
32
ns
Figures
1, 2
tPLH
1.10
d VCC d 1.30
5.0
13
25.9
4.0
46.3
1.40
d VCC d 1.60
4.0
9
17.8
3.5
18.2
CL 30 pF
1.65
d VCC d 1.95
3.0
7
14.4
2.0
15.9
RL 1 M:
2.30
d VCC d 2.70
2.0
6
11.3
1.5
12.8
3.00
d VCC d 3.60
1.5
5
9.2
1.0
10.7
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
4.0
pF
CPD
Power Dissipation
0.9 to 3.60
8
pF
VI 0V or VCC,
Capacitance
f
10 MHz


Similar Part No. - NC7SP17_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP17FHX FAIRCHILD-NC7SP17FHX Datasheet
696Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP17FHX ONSEMI-NC7SP17FHX Datasheet
629Kb / 11P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
February 2011 Rev. 1.0.4
NC7SP17FHX ONSEMI-NC7SP17FHX Datasheet
400Kb / 11P
   TinyLogic ULP-A Buffer with Schmitt-Trigger Input
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SP17FHX FAIRCHILD-NC7SP17FHX_11 Datasheet
696Kb / 9P
   TinyLogic짰 ULP Single Buffer with Schmitt Trigger Input
NC7SP17L6X FAIRCHILD-NC7SP17L6X Datasheet
306Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
More results

Similar Description - NC7SP17_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP17FHX FAIRCHILD-NC7SP17FHX Datasheet
696Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17 Datasheet
306Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP17 ONSEMI-NC7SP17 Datasheet
629Kb / 11P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
February 2011 Rev. 1.0.4
NC7SV17 ONSEMI-NC7SV17 Datasheet
963Kb / 13P
   TinyLogic ULP-A Single Buffer with Schmitt Trigger Input
March 2018 Rev. 2
logo
Fairchild Semiconductor
NC7SV17 FAIRCHILD-NC7SV17 Datasheet
306Kb / 9P
   TinyLogic. ULP-A Single Buffer with Schmitt Trigger Input
NC7SV17 FAIRCHILD-NC7SV17_04 Datasheet
325Kb / 10P
   TinyLogic ULP-A Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV17 ONSEMI-NC7SV17_V01 Datasheet
388Kb / 11P
   TinyLogic ULP-A Buffer with Schmitt-Trigger Input
May, 2021 ??Rev. 3
NC7SP17 ONSEMI-NC7SP17_V01 Datasheet
400Kb / 11P
   TinyLogic ULP-A Buffer with Schmitt-Trigger Input
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7WV17 FAIRCHILD-NC7WV17 Datasheet
181Kb / 9P
   TinyLogic ULP-A Dual Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7WV17 ONSEMI-NC7WV17_V01 Datasheet
263Kb / 10P
   TinyLogic ULP-A Dual Buffer with Schmitt-Trigger Input
August, 2021 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com