Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2531ETI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2531ETI
Description  Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2531ETI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2531ETI Datasheet HTML 3Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 4Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 5Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 6Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 7Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 9Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 10Page - Maxim Integrated Products MAX2531ETI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Typical Operating Characteristics (continued)
(MAX2538 EV kit, fIF = 183.6MHz, high-side LO for all modes except GPS, 50
Ω system impedance, RBIAS = 20kΩ, RIF0 = RIF1 =
3.3k
Ω, RGIF = 8.2kΩ, fCELL = 881MHz, fPCS = 1960MHz, fGPS = 1575.42MHz, VCC = 2.75V, LO input power = -7dBm, HGHL mode,
TA = +25°C, unless otherwise noted.)
MIXER GAIN vs. LO POWER
LO INPUT POWER (dBm)
-2
-4
-6
-8
10
12
14
16
8
-10
0
CELL
PCS LOW-SIDE LO
PCS
GPS
MIXER IIP3 vs. LO POWER
LO POWER INPUT (dBm)
-2
-4
-6
-8
0
2
4
6
8
10
-2
-10
0
CELL
GPS
PCS LOW-SIDE LO
PCS
MIXER GAIN vs. SUPPLY CURRENT
SUPPLY CURRENT (mA)
35
30
25
20
15
4
8
12
16
20
0
10
40
CELL
PCS
GPS
Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
_______________________________________________________________________________________
7
MIXER IIP3 vs. SUPPLY CURRENT
SUPPLY CURRENT (mA)
35
30
25
20
15
-6
-2
2
6
10
14
18
-10
10
40
PCS
GPS
CELL
LNA NOISE FIGURE vs. SUPPLY CURRENT
SUPPLY CURRENT (mA)
35
30
25
20
15
0.8
1.0
1.2
1.4
1.6
0.6
10
40
PCS
GPS
CELL
LNA GAIN vs. SUPPLY CURRENT
SUPPLY CURRENT (mA)
35
30
25
20
15
10
12
14
16
18
20
8
10
40
GPS
PCS
CELL
LNA IIP3 vs. SUPPLY CURRENT
SUPPLY CURRENT (mA)
35
30
25
20
15
-5
0
5
10
15
20
-10
10
40
GPS
PCS
CELL


Similar Part No. - MAX2531ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2531EGI MAXIM-MAX2531EGI Datasheet
107Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 3, 2003
More results

Similar Description - MAX2531ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2385 MAXIM-MAX2385 Datasheet
207Kb / 18P
   CDMA GPS LNA/Mixers
Rev 0; 10/01
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Broadcom Corporation.
ACFM-7103 BOARDCOM-ACFM-7103 Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Maxim Integrated Produc...
MAX2338 MAXIM-MAX2338 Datasheet
210Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 1; 3/01
MAX2338 MAXIM-MAX2338_V01 Datasheet
214Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
2003
MAX2323 MAXIM-MAX2323 Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
   PCS / Cellular Base Station
14/09/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com