Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9851 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9851
Description  Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9851 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9851 Datasheet HTML 4Page - Maxim Integrated Products MAX9851 Datasheet HTML 5Page - Maxim Integrated Products MAX9851 Datasheet HTML 6Page - Maxim Integrated Products MAX9851 Datasheet HTML 7Page - Maxim Integrated Products MAX9851 Datasheet HTML 8Page - Maxim Integrated Products MAX9851 Datasheet HTML 9Page - Maxim Integrated Products MAX9851 Datasheet HTML 10Page - Maxim Integrated Products MAX9851 Datasheet HTML 11Page - Maxim Integrated Products MAX9851 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
Stereo Audio CODECs with Microphone, DirectDrive
Headphones, Speaker Amplifiers, or Line Outputs
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = CPVDD = +3V, DVDD = DVDDS2 = +1.8V, PVDD = +3.3V, RHP = 32
Ω, ZSPK = 8Ω + 10µH, RREC = 32Ω, ROUTL+ to ROUTL- =
10k
Ω, ROUTR+ to ROUTR- = 10kΩ, C1 = 0.22µF, C2 = CNREG = CPREG = CINTMICBIAS, CMBIAS = CREF = 1µF, MCLK = 13MHz, all
PGAs = 0dB, HP/REC volume = -20.0dB, SPK volume = -20.4dB, line output gain = -0.4dB, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (See Functional Diagrams/Typical Operating Circuits).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DAC/ADC DATA RATE ACCURACY
fS = 8kHz (voice
mode)
0
fS = 16kHz (voice
mode)
0
fS = 8kHz
0.31
fS = 11.025kHz
0.27
fS = 12kHz
0.31
fS = 16kHz
-0.43
fS = 22.05kHz
-0.41
fS = 24kHz
0.31
fS = 32kHz
-0.43
fS = 44.1kHz
-1.74
LRCLK Output Sample Rate
Deviation From Ideal (Note 10)
Master mode with
ADC SDOUT enabled;
audio mode, unless
otherwise noted
fS = 48kHz
-0.43
%
LRCLK Input Sample Rate Range
Synchronous or asynchronous input (slave
mode with only DAC enabled)
7.8
50
kHz
DAC TRANSDUCER/VIBE OUTPUT
Vibe PGA Range
TGAIN
11 steps in 6dB increments
-30
+30
dB
0dBFS Output Voltage
1-bit DAC output externally filtered pullup
resistor to DVDD (TGAIN = 0dB)
DVDD /
2
VP-P
Output Offset Voltage
1-bit DAC output externally filtered, no
signal, pullup resistor to DVDD
DVDD /
2
V
Vibe PGA Output Resolution
PGAR
10
bits
fS = 8kHz, 16kHz, or 32kHz
483
fS = 11.025kHz, 22.05kHz, or 44.1kHz
665
LPF Passband -3dB Cutoff
fPBL
fS = 12kHz, 24kHz, or 48kHz
724
Hz
LPF Stopband Attenuation
fSBL
f > 3.5xfPBL
27
dB
1-Bit DAC Digital Dynamic Range
DRV
Ideal dynamic range (0 to 8kHz or 0 to fS / 2
for fS < 16kHz)
48
dB
1-Bit DAC Operating Frequency
fV
650
kHz
OPEN-DRAIN DIGITAL OUTPUT (
VIBE)
Output High Current
IOH
VOUT = DVDD
3µA
Output Low Voltage
VOL
IOL = 3mA
0.4
V


Similar Part No. - MAX9851

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
MAX9851ETM++ MAXIM-MAX9851ETM+ Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
More results

Similar Description - MAX9851

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com