Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9851 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9851
Description  Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9851 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9851 Datasheet HTML 7Page - Maxim Integrated Products MAX9851 Datasheet HTML 8Page - Maxim Integrated Products MAX9851 Datasheet HTML 9Page - Maxim Integrated Products MAX9851 Datasheet HTML 10Page - Maxim Integrated Products MAX9851 Datasheet HTML 11Page - Maxim Integrated Products MAX9851 Datasheet HTML 12Page - Maxim Integrated Products MAX9851 Datasheet HTML 13Page - Maxim Integrated Products MAX9851 Datasheet HTML 14Page - Maxim Integrated Products MAX9851 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
Stereo Audio CODECs with Microphone, DirectDrive
Headphones, Speaker Amplifiers, or Line Outputs
______________________________________________________________________________________
11
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = CPVDD = +3V, DVDD = DVDDS2 = +1.8V, PVDD = +3.3V, RHP = 32
Ω, ZSPK = 8Ω + 10µH, RREC = 32Ω, ROUTL+ to ROUTL- =
10k
Ω, ROUTR+ to ROUTR- = 10kΩ, C1 = 0.22µF, C2 = CNREG = CPREG = CINTMICBIAS, CMBIAS = CREF = 1µF, MCLK = 13MHz, all
PGAs = 0dB, HP/REC volume = -20.0dB, SPK volume = -20.4dB, line output gain = -0.4dB, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (See Functional Diagrams/Typical Operating Circuits).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVER AMPLIFIER (Note 12)
RL = 16
Ω, input signal
from LINEIN1
80
RL = 16
Ω, input signal
is the sum of
LINEIN1+LINEIN2
105
Output Power
POUT
f = 1kHz, THD <
1%, +5.5dB
volume setting
RL = 32
Ω, input signal
from LINEIN1
35
55
mW
Maximum Output Voltage
+4.5dB volume setting, 0dB PGA setting,
input signal 0dBFS from DAC output, only 1
input selected
3.09
3.35
3.64
VP-P
Line In to REC Out Voltage Gain
+4.5dB volume setting, 0dB PGA setting,
only 1 input selected
1.54
1.68
1.82
V/V
Output Offset Voltage
VOS
10
60
mV
RL = 32
Ω, POUT = 40mW, f = 1kHz, BW =
22Hz to 20kHz, +3dB volume setting
0.03
Total Harmonic Distortion Plus
Noise
THD+N
RL = 16
Ω, POUT = 40mW, f = 1kHz, BW =
22Hz to 20kHz, +3dB volume setting
0.04
%
Dynamic Range
DR
+6dB volume setting, A-weighted
92
dB
AVDD = 2.6V to 3.3V
60
100
VRIPPLE = 100mVP-P, f = 217Hz
98
Power-Supply Rejection Ratio
PSRR
VRIPPLE = 100mVP-P, f = 20kHz
65
dB
Maximum Capacitive Load
CL
No sustained oscillations
150
pF
Click-and-Pop Level
KCP
Peak voltage, 32 samples per second,
A-weighted, RL = 16
Ω (Note 11)
-44.6
dBV
VOLUME CONTROL/PGAs
Headphone/Receiver Volume
Control Range
-80
+6.1
dB
Headphone/Receiver Mute
Attenuation
f = 1kHz
100
dB
Speaker Volume Control Range
(MAX9851)
-72.4
+13.7
dB
Speaker Mute Attenuation
(MAX9851)
f = 1kHz
100
dB
Differential Line Output Gain
Control Range (MAX9853)
-78.4
+7.9
dB
Differential Line Output Mute
Attenuation (MAX9853)
f = 1kHz
100
dB


Similar Part No. - MAX9851

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
MAX9851ETM++ MAXIM-MAX9851ETM+ Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
More results

Similar Description - MAX9851

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com