Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8805YEWEEE+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8805YEWEEE+T
Description  600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8805YEWEEE+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8805YEWEEE+T Datasheet HTML 2Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 3Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 4Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 5Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 6Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 7Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 8Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 9Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
600mA PWM Step-Down Converters in
2mm x 2mm WLP for WCDMA PA Power
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN1A = VIN1B = VIN2 = 3.6V, VPA = 1.2V, VLDO1 = 2.85V, VLDO2 = 2.85V, RPA = 7.5
Ω, circuit of Figure 5, TA = +25°C, unless other-
wise noted.)
50
60
80
70
90
100
0
200
100
300
500
400
600
PA STEP-DOWN CONVERTER EFFICIENCY
vs. LOAD CURRENT (MAX8805Z)
LOAD CURRENT (mA)
VIN1 = 4.2V
VIN1 = 3.6V
VIN1 = 3.2V
VPA = 0.6V
50
60
80
70
90
100
0
200
100
300
500
400
600
PA STEP-DOWN CONVERTER EFFICIENCY
vs. LOAD CURRENT (MAX8805Y)
LOAD CURRENT (mA)
VIN1 = 4.2V
VIN1 = 3.6V
VIN1 = 3.2V
VPA = 0.6V
1.25
1.20
1.15
1.10
1.05
0
300
100
200
400
500
600
PA STEP-DOWN CONVERTER OUTPUT
VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
MAX8805Y
MAX8805Z
0.5
1.5
1.0
2.5
2.0
3.5
3.0
4.0
00.8
0.4
1.2
1.6
2.0
PA STEP-DOWN CONVERTER OUTPUT
VOLTAGE vs. REFIN VOLTAGE
REFIN VOLTAGE (V)
-100
-60
-80
0
-20
-40
20
40
80
60
100
0.4
0.6 0.7
0.5
0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
REFIN vs. REFIN TO OUT GAIN (MAX8805Z)
REFIN VOLTAGE (V)
VIN1 = 3.2V, NO LOAD
VIN1 = 4.2V, NO LOAD
-50
-30
-10
10
30
50
0.4
0.6 0.7
0.5
0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
REFIN vs. REFIN TO OUT GAIN (MAX8805Y)
REFIN VOLTAGE (V)
VIN1 = 3.2V, NO LOAD
VIN1 = 4.2V, NO LOAD


Similar Part No. - MAX8805YEWEEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805YEWEEE+T MAXIM-MAX8805YEWEEE+T Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
More results

Similar Description - MAX8805YEWEEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805W MAXIM-MAX8805W Datasheet
562Kb / 22P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 1; 10/07
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8896 MAXIM-MAX8896 Datasheet
452Kb / 17P
   Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
Rev 0; 5/09
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com