Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9851ETM+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9851ETM+
Description  Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9851ETM+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9851ETM+ Datasheet HTML 3Page - Maxim Integrated Products MAX9851ETM+ Datasheet HTML 4Page - Maxim Integrated Products MAX9851ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX9851ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX9851ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX9851ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX9851ETM+ Datasheet HTML 9Page - Maxim Integrated Products MAX9851ETM+ Datasheet HTML 10Page - Maxim Integrated Products MAX9851ETM+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Stereo Audio CODECs with Microphone, DirectDrive
Headphones, Speaker Amplifiers, or Line Outputs
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = CPVDD = +3V, DVDD = DVDDS2 = +1.8V, PVDD = +3.3V, RHP = 32
Ω, ZSPK = 8Ω + 10µH, RREC = 32Ω, ROUTL+ to ROUTL- =
10k
Ω, ROUTR+ to ROUTR- = 10kΩ, C1 = 0.22µF, C2 = CNREG = CPREG = CINTMICBIAS, CMBIAS = CREF = 1µF, MCLK = 13MHz, all
PGAs = 0dB, HP/REC volume = -20.0dB, SPK volume = -20.4dB, line output gain = -0.4dB, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (See Functional Diagrams/Typical Operating Circuits).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC DIGITAL FILTER PATH (Stereo Audio Modes)
Passband Cutoff
fPBL
0.44
fS
Passband Ripple
f < fPBL
±0.5
dB
Stopband Cutoff
fSBL
0.58
fS
Stopband Attenuation
f > fSBL
53
dB
Attenuation at fS/2
-6.02
dB
ADC VOICEBAND HIGHPASS FILTER (S1 Mono Voice Input Path, fS = 8kHz)
Passband Cutoff
fPH
175
Hz
Passband -3dB Cutoff
fP3_H
130
Hz
Passband Ripple
f > fPH
±0.2
dB
Stopband Cutoff
fSH
77
Hz
Stopband Attenuation
f < fSH
28
dB
ADC VOICEBAND HIGHPASS FILTER (S1 Mono Voice Input Path, fS = 16kHz)
Passband Cutoff
fPH
350
Hz
Passband -3dB Cutoff
fP3_H
260
Hz
Passband Ripple
f > fPH
±0.2
dB
Stopband Cutoff
fSH
154
Hz
Stopband Attenuation
f < fSH
28
dB
ADC VOICEBAND LOWPASS FILTER (S1 Mono Voice Input Path, fS = 8kHz)
Passband Cutoff
fPL
3500
Hz
Passband Ripple
f < fPL
±0.05
dB
Stopband Cutoff
fSL
3900
Hz
Stopband Attenuation
f > fSL
75
dB
ADC VOICEBAND LOWPASS FILTER (S1 Mono Voice Input Path, fS = 16kHz)
Passband Cutoff
fPL
7000
Hz
Passband Ripple
f < fPL
±0.05
dB
Stopband Cutoff
fSL
7800
Hz
Stopband Attenuation
f > fSL
75
dB
ADC DC-BLOCKING FILTER
DC-Blocking Filter -3dB Corner
fC
As a fraction of output sample rate
fS /
1608
Hz
DC Attenuation
120
dB
Maximum DC Input
0.125
V
DAC/ADC DATA RATE ACCURACY
LRCLK Output Sample Rate
Deviation From Ideal (Note 10)
fS = 8kHz to 48kHz (master mode with DAC
only enabled) (See Table 1 for details)
-0.025
+0.025
%


Similar Part No. - MAX9851ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9851ETM++ MAXIM-MAX9851ETM+ Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
More results

Similar Description - MAX9851ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Maxim Integrated Produc...
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com