Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP34P5X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SP34P5X
Description  TinyLogic ULP Single Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP34P5X Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7SP34P5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SP34P5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SP34P5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SP34P5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SP34P5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SP34P5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SP34P5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SP34P5X Datasheet HTML 8Page - Fairchild Semiconductor NC7SP34P5X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
L6X
Leader (Start End)
125 (typ)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7SP34P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP34P5X FAIRCHILD-NC7SP34P5X Datasheet
308Kb / 9P
   TinyLogic ULP Single Buffer
logo
ON Semiconductor
NC7SP34P5X ONSEMI-NC7SP34P5X Datasheet
392Kb / 11P
   TinyLogic ULP Single Buffer
Revised March 2004
NC7SP34P5X ONSEMI-NC7SP34P5X Datasheet
296Kb / 9P
   TinyLogic ULP-A Buffer
February, 2021 ??Rev. 2
More results

Similar Description - NC7SP34P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP34 FAIRCHILD-NC7SP34 Datasheet
308Kb / 9P
   TinyLogic ULP Single Buffer
logo
ON Semiconductor
NC7SP34 ONSEMI-NC7SP34 Datasheet
392Kb / 11P
   TinyLogic ULP Single Buffer
Revised March 2004
logo
Fairchild Semiconductor
NC7SV34 FAIRCHILD-NC7SV34 Datasheet
308Kb / 9P
   TinyLogic ULP-A Single Buffer
NC7SV34 FAIRCHILD-NC7SV34_04 Datasheet
298Kb / 9P
   TinyLogic ULP-A Single Buffer
logo
ON Semiconductor
NC7SV34 ONSEMI-NC7SV34 Datasheet
392Kb / 11P
   TinyLogic ULP-A Single Buffer
Revised March 2004
logo
Fairchild Semiconductor
NC7NP34 FAIRCHILD-NC7NP34_05 Datasheet
222Kb / 9P
   TinyLogic ULP Triple Buffer
NC7NP34 FAIRCHILD-NC7NP34 Datasheet
141Kb / 8P
   TinyLogic ULP Triple Buffer
logo
ON Semiconductor
NC7NP34 ONSEMI-NC7NP34 Datasheet
320Kb / 11P
   TinyLogic ULP Triple Buffer
Revised January 2005
NC7SP34 ONSEMI-NC7SP34_V01 Datasheet
296Kb / 9P
   TinyLogic ULP-A Buffer
February, 2021 ??Rev. 2
NC7SV34 ONSEMI-NC7SV34_V01 Datasheet
334Kb / 9P
   TinyLogic ULP-A Buffer
April, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com