Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP38P5X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7SP38P5X
Description  TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP38P5X Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NC7SP38P5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SP38P5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SP38P5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SP38P5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SP38P5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SP38P5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SP38P5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SP38P5X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7SP38P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP38P5X FAIRCHILD-NC7SP38P5X Datasheet
291Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SP38P5X ONSEMI-NC7SP38P5X Datasheet
299Kb / 13P
   TinyLogic ULP 2-Input NAND Gate
Sep 2008 Rev. 1.0.0
NC7SP38P5X ONSEMI-NC7SP38P5X Datasheet
295Kb / 9P
   TinyLogic ULP-A NAND Gate (Open-Drain Output)
February, 2021 ??Rev. 1
More results

Similar Description - NC7SP38P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP38 FAIRCHILD-NC7SP38 Datasheet
291Kb / 8P
   TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SV38 FAIRCHILD-NC7SV38 Datasheet
305Kb / 8P
   TinyLogic. ULP-A 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SP38 ONSEMI-NC7SP38_V01 Datasheet
295Kb / 9P
   TinyLogic ULP-A NAND Gate (Open-Drain Output)
February, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38 Datasheet
104Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SZ38 ONSEMI-NC7SZ38_V01 Datasheet
404Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
March, 2022 - Rev. 4
NC7SZ38 ONSEMI-NC7SZ38 Datasheet
487Kb / 10P
   TinyLogic UHS 2-Input NAND Gate, Open Drain Output
January, 2021 ??Rev. 3
logo
Fairchild Semiconductor
NC7SZ38 FAIRCHILD-NC7SZ38_04 Datasheet
154Kb / 8P
   TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SP38 ONSEMI-NC7SP38 Datasheet
299Kb / 13P
   TinyLogic ULP 2-Input NAND Gate
Sep 2008 Rev. 1.0.0
logo
Fairchild Semiconductor
NC7SP00 FAIRCHILD-NC7SP00 Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input NAND Gate
logo
ON Semiconductor
NC7SP00 ONSEMI-NC7SP00 Datasheet
391Kb / 11P
   TinyLogic ULP 2-Input NAND Gate
Revised March 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com