Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP86 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SP86
Description  TinyLogic ULP 2-Input Exclusive OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP86 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7SP86_04 Datasheet HTML 1Page - Fairchild Semiconductor NC7SP86_04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP86_04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP86_04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP86_04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP86_04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP86_04 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP86_04 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP86_04 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
Leader (Start End)
125 (typ)
Empty
Sealed
L6X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7SP86_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP86L6X FAIRCHILD-NC7SP86L6X Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input Exclusive OR Gate
logo
ON Semiconductor
NC7SP86L6X ONSEMI-NC7SP86L6X Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input Exclusive OR Gate
Revised March 2004
NC7SP86L6X ONSEMI-NC7SP86L6X Datasheet
161Kb / 8P
   TinyLogic ULP-A Exclusive-OR Gate
November, 2021 ??Rev. 0
logo
Fairchild Semiconductor
NC7SP86P5X FAIRCHILD-NC7SP86P5X Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input Exclusive OR Gate
logo
ON Semiconductor
NC7SP86P5X ONSEMI-NC7SP86P5X Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input Exclusive OR Gate
Revised March 2004
More results

Similar Description - NC7SP86_04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SP86 ONSEMI-NC7SP86 Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input Exclusive OR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7SP86 FAIRCHILD-NC7SP86 Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input Exclusive OR Gate
NC7SV86 FAIRCHILD-NC7SV86_04 Datasheet
295Kb / 9P
   TinyLogic ULP-A 2-Input Exclusive-OR Gate
NC7SV86 FAIRCHILD-NC7SV86 Datasheet
306Kb / 9P
   TinyLogic ULP-A 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SV86 ONSEMI-NC7SV86_V01 Datasheet
297Kb / 9P
   TinyLogic ULP-A 2-Input Exclusive-OR Gate
February, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7WP86 FAIRCHILD-NC7WP86 Datasheet
205Kb / 9P
   TinyLogic ULP Dual 2-Input Exclusive OR Gate
NC7SV86P5X FAIRCHILD-NC7SV86P5X Datasheet
296Kb / 9P
   NC7SV86 TinyLogic田?ULP-A 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SP32 ONSEMI-NC7SP32 Datasheet
389Kb / 11P
   TinyLogic ULP 2-Input OR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7SP32 FAIRCHILD-NC7SP32 Datasheet
306Kb / 9P
   TinyLogic ULP 2-Input OR Gate
NC7SP32 FAIRCHILD-NC7SP32_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com