Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP157P6X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SP157P6X
Description  TinyLogic ULP 2-Input Non-Inverting Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP157P6X Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7SP157P6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SP157P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SP157P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SP157P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SP157P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SP157P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SP157P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SP157P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SP157P6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Tape and Reel Specification (Continued)
TAPE FORMAT for MicroPak
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Package
Tape
Number
Cavity
Cover Tape
Designator
Section
Cavities
Status
Status
L6X
Leader (Start End)
125 (typ)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape
Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331
+ 0.059/−0.000
0.567
W1
+ 0.078/−0.039
(177.8)
(1.50)
(13.00)
(20.20)
(55.00)
(8.40
+ 1.50/−0.00)
(14.40)
(W1
+ 2.00/−1.00)


Similar Part No. - NC7SP157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP157P6X FAIRCHILD-NC7SP157P6X Datasheet
176Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SP157P6X ONSEMI-NC7SP157P6X Datasheet
284Kb / 11P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
Revised March 2004
NC7SP157P6X ONSEMI-NC7SP157P6X Datasheet
298Kb / 10P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
February, 2021 ??Rev. 2
More results

Similar Description - NC7SP157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP157 FAIRCHILD-NC7SP157 Datasheet
176Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SP157 ONSEMI-NC7SP157 Datasheet
284Kb / 11P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
Revised March 2004
logo
Fairchild Semiconductor
NC7SV157 FAIRCHILD-NC7SV157 Datasheet
177Kb / 9P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SP157 ONSEMI-NC7SP157_V01 Datasheet
298Kb / 10P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
February, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV157 FAIRCHILD-NC7SV157_04 Datasheet
179Kb / 9P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SV157 ONSEMI-NC7SV157 Datasheet
284Kb / 11P
   TinyLogic ULP-A 2-Input Non-Inverting Multiplexer
Revised March 2004
logo
Fairchild Semiconductor
NC7SP158 FAIRCHILD-NC7SP158_04 Datasheet
175Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
NC7SP158 FAIRCHILD-NC7SP158 Datasheet
185Kb / 9P
   TinyLogic ULP 2-Input Inverting Multiplexer
NC7SV158 FAIRCHILD-NC7SV158 Datasheet
185Kb / 9P
   TinyLogic ULP-A 2-Input Inverting Multiplexer
NC7SV158 FAIRCHILD-NC7SV158_04 Datasheet
175Kb / 9P
   TinyLogic ULP-A 2-Input Inverting Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com