Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SV02 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SV02
Description  TinyLogic ULP-A 2-Input NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV02 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SV02_04 Datasheet HTML 1Page - Fairchild Semiconductor NC7SV02_04 Datasheet HTML 2Page - Fairchild Semiconductor NC7SV02_04 Datasheet HTML 3Page - Fairchild Semiconductor NC7SV02_04 Datasheet HTML 4Page - Fairchild Semiconductor NC7SV02_04 Datasheet HTML 5Page - Fairchild Semiconductor NC7SV02_04 Datasheet HTML 6Page - Fairchild Semiconductor NC7SV02_04 Datasheet HTML 7Page - Fairchild Semiconductor NC7SV02_04 Datasheet HTML 8Page - Fairchild Semiconductor NC7SV02_04 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Max
Min
Max
VOL
LOW Level
0.90
0.1
0.1
V
IOL = 100 µA
Output Voltage
1.10
≤ V
CC ≤ 1.30
0.1
0.1
1.40
≤ V
CC ≤ 1.60
0.2
0.2
1.65
≤ V
CC ≤ 1.95
0.2
0.2
2.30
≤ V
CC < 2.70
0.2
0.2
2.70
≤ V
CC ≤ 3.60
0.2
0.2
1.10
≤ V
CC ≤ 1.30
0.25 x VCC
0.25 x VCC
IOL = 2 mA
1.40
≤ V
CC ≤ 1.60
0.25 x VCC
0.25 x VCC
IOL = 4 mA
1.65
≤ V
CC ≤ 1.95
0.3
0.3
IOL = 6 mA
2.30
≤ V
CC < 2.70
0.4
0.4
IOL = 12 mA
2.70
≤ V
CC ≤ 3.60
0.4
0.4
2.30
≤ V
CC < 2.70
0.6
0.6
IOL = 18 mA
2.70
≤ V
CC ≤ 3.60
0.4
0.4
2.70
≤ V
CC ≤ 3.60
0.55
0.55
IOL = 24 mA
IIN
Input Leakage Current
0.90 to 3.60
±0.1
±0.5
µA0 ≤ V
I ≤ 3.6V
IOFF
Power Off Leakage Current
0
0.5
0.5
µA0 ≤ (V
I, VO) ≤ 3.6V
ICC
Quiescent Supply Current
0.90 to 3.60
0.9
0.9
µA
VI = VCC or GND
0.90 to 3.60
±0.9
VCC ≤ VI ≤ 3.6V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
Number
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
0.90
13
ns
CL = 15 pF, RL = 1 MΩ
Figures
1, 2
tPLH
1.10
≤ V
CC ≤ 1.30
3.0
6.0
15.0
1.0
18.6
CL = 15 pF,
1.40
≤ V
CC ≤ 1.60
1.0
3.2
8.7
1.0
9.7
RL = 2 kΩ
1.65
≤ V
CC ≤ 1.95
1.0
1.9
6.0
1.0
6.8
CL = 30 pF
2.30
≤ V
CC < 2.70
0.8
1.2
4.1
0.7
4.7
RL = 500Ω
2.70
≤ V
CC ≤ 3.60
0.7
1.0
3.3
0.6
4.0
CIN
Input Capacitance
0
2.0
pF
COUT
Output Capacitance
0
4.5
pF
CPD
Power Dissipation
0.90 to 3.60
8
pF
VI = 0V or VCC
Capacitance
f
= 10 MHz


Similar Part No. - NC7SV02_04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SV02FHX ONSEMI-NC7SV02FHX Datasheet
213Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
October, 2021 ??Rev. 0
logo
Fairchild Semiconductor
NC7SV02L6X FAIRCHILD-NC7SV02L6X Datasheet
305Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
logo
ON Semiconductor
NC7SV02L6X ONSEMI-NC7SV02L6X Datasheet
213Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
October, 2021 ??Rev. 0
logo
Fairchild Semiconductor
NC7SV02P5X FAIRCHILD-NC7SV02P5X Datasheet
305Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
logo
ON Semiconductor
NC7SV02P5X ONSEMI-NC7SV02P5X Datasheet
213Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
October, 2021 ??Rev. 0
More results

Similar Description - NC7SV02_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV02 FAIRCHILD-NC7SV02 Datasheet
305Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
logo
ON Semiconductor
NC7SV02 ONSEMI-NC7SV02 Datasheet
213Kb / 9P
   TinyLogic ULP-A 2-Input NOR Gate
October, 2021 ??Rev. 0
logo
Fairchild Semiconductor
NC7SP02 FAIRCHILD-NC7SP02 Datasheet
293Kb / 9P
   TinyLogic ULP 2-Input NOR Gate
NC7SP02 FAIRCHILD-NC7SP02_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input NOR Gate
logo
ON Semiconductor
NC7SP02 ONSEMI-NC7SP02 Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input NOR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7WP02 FAIRCHILD-NC7WP02 Datasheet
202Kb / 9P
   TinyLogic ULP Dual 2-Input NOR Gate
NC7WP02 FAIRCHILD-NC7WP02_05 Datasheet
206Kb / 9P
   TinyLogic ULP Dual 2-Input NOR Gate
logo
ON Semiconductor
NC7SP02 ONSEMI-NC7SP02_V01 Datasheet
158Kb / 8P
   TinyLogic ULP-A NOR Gate
October, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7SV32 FAIRCHILD-NC7SV32_04 Datasheet
296Kb / 9P
   TinyLogic ULP-A 2-Input OR Gate
logo
ON Semiconductor
NC7SV00 ONSEMI-NC7SV00 Datasheet
387Kb / 10P
   TinyLogic ULP-A 2-Input NAND Gate
February, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com