Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SV74 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SV74
Description  TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV74 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SV74_05 Datasheet HTML 1Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 2Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 3Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 4Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 5Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 6Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 7Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 8Page - Fairchild Semiconductor NC7SV74_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: Absolute Maximum Ratings: are those values beyond which the
safety of the device cannot be guaranteed. The device should not be oper-
ated at these limits. The parametric values defined in the Electrical Charac-
teristics tables are not guaranteed at the absolute maximum ratings. The
“Recommended Operating Conditions” table will define the conditions for
actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 4.6V
DC Input Voltage (VIN)
0.5V to 4.6V
DC Output Voltage (VOUT)
HIGH or LOW State (Note 2)
0.5V to VCC 0.5V
VCC 0V
0.5V to 4.6V
DC Input Diode Current (IIK) VIN  0V
r50 mA
DC Output Diode Current (IOK)
VOUT  0V
50 mA
VOUT ! VCC
50 mA
DC Output Source/Sink Current (IOH/IOL)
r 50 mA
DC VCC or Ground Current per
Supply Pin (ICC or Ground)
r 50 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Supply
0.9V to 3.6V
Input Voltage (VIN)
0V to 3.6V
Output Voltage (VOUT)
VCC 0.0V
0V to 3.6V
HIGH or LOW State
0V to VCC
Output Current in IOH/IOL
VCC 3.0V to 3.6V
r24.0 mA
VCC 2.3V to 2.7V
r18.0 mA
VCC 1.65V to 1.95V
r6.0 mA
VCC 1.4V to 1.6V
r4.0 mA
VCC 1.1V to 1.3V
r2.0 mA
VCC 0.9V
r0.1 mA
Free Air Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
't/'V)
VIN 0.8V to 2.0V, VCC
3.0V
10 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Max
Min
Max
VIH
HIGH Level
0.90
0.65 x VCC
0.65 x VCC
V
Input Voltage
1.10
d VCC d 1.30 0.65 x VCC
0.65 x VCC
1.40
d VCC d 1.60 0.65 x VCC
0.65 x VCC
1.65
d VCC d 1.95 0.65 x VCC
0.65 x VCC
2.30
d VCC d 2.70
1.6
1.6
2.70
d VCC d 3.60
2.0
2.0
VIL
LOW Level
0.90
0.35 x VCC
0.35 x VCC
V
Input Voltage
1.10
d VCC d 1.30
0.35 x VCC
0.35 x VCC
1.40
d VCC d 1.60
0.35 x VCC
0.35 x VCC
1.65
d VCC d 1.95
0.35 x VCC
0.35 x VCC
2.30
d VCC d 2.70
0.7
0.7
2.70
d VCC d 3.60
0.8
0.8
VOH
HIGH Level
0.90
VCC - 0.1
VCC - 0.1
V
IOH 100 PA
Output Voltage
1.10
d VCC d 1.30 VCC - 0.1
VCC - 0.1
1.40
d VCC d 1.60 VCC - 0.2
VCC - 0.2
1.65
d VCC d 1.95
VCC - 0.2
VCC - 0.2
2.30
d VCC d 2.70 VCC - 0.2
VCC - 0.2
2.70
d VCC d 3.60 VCC - 0.2
VCC - 0.2
1.10
d VCC d 1.30 0.75 x VCC
0.75 x VCC
IOH 2.0 mA
1.40
d VCC d 1.60 0.75 x VCC
0.75 x VCC
IOH 4.0 mA
1.65
d VCC d 1.95
1.25
1.25
IOH 6.0 mA
2.30
d VCC d 2.70
2.0
2.0
2.30
d VCC d 2.70
1.8
1.8
IOH 12.0 mA
2.70
d VCC d 3.60
2.2
2.2
2.30
d VCC d 2.70
1.7
1.7
IOH 18.0 mA
2.70
d VCC d 3.60
2.4
2.4
2.70
d VCC d 3.60
2.2
2.2
IOH 24.0 mA


Similar Part No. - NC7SV74_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV74K8X FAIRCHILD-NC7SV74K8X Datasheet
225Kb / 10P
   TinyLogic ULP-A D-Type Flip-Flop
NC7SV74L8X FAIRCHILD-NC7SV74L8X Datasheet
225Kb / 10P
   TinyLogic ULP-A D-Type Flip-Flop
More results

Similar Description - NC7SV74_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SP74 ONSEMI-NC7SP74 Datasheet
334Kb / 14P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
Revised January 2005
logo
Fairchild Semiconductor
NC7SP74 FAIRCHILD-NC7SP74 Datasheet
146Kb / 11P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
NC7SP74 FAIRCHILD-NC7SP74_05 Datasheet
235Kb / 12P
   TinyLogic ULP D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
NC7SZ74 ONSEMI-NC7SZ74 Datasheet
1Mb / 11P
   TinyLogic UHS D-Type, Flip-Flop with Preset and Clear
September 2018 Rev. 2
logo
Fairchild Semiconductor
NC7SZ74 FAIRCHILD-NC7SZ74 Datasheet
211Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Preset and Clear
NC7SV74 FAIRCHILD-NC7SV74 Datasheet
225Kb / 10P
   TinyLogic ULP-A D-Type Flip-Flop
logo
Toshiba Semiconductor
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74FK TOSHIBA-TC7W74FK_09 Datasheet
220Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F_01 Datasheet
277Kb / 9P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WZ74FK TOSHIBA-TC7WZ74FK Datasheet
117Kb / 7P
   D-Type Flip Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com