Electronic Components Datasheet Search |
|
74F132 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
74F132 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page ©1988 Fairchild Semiconductor Corporation www.fairchildsemi.com 74F132 Rev. 1.3 2 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Note: 1. Either voltage limit or current limit is sufficient to protect inputs. Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Symbol Parameter Rating TSTG Storage Temperature –65°C to +150°C TA Ambient Temperature Under Bias –55°C to +125°C TJ Junction Temperature Under Bias –55°C to +150°C VCC VCC Pin Potential to Ground Pin –0.5V to +7.0V VIN Input Voltage(1) –0.5V to +7.0V IIN Input Current(1) –30mA to +5.0mA VO Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output –0.5V to VCC –0.5V to 5.5V Current Applied to Output in LOW State (Max.) twice the rated IOL (mA) ESD Last Passing Voltage (Min.) 4000V Symbol Parameter Rating TA Free Air Ambient Temperature 0°C to +70°C VCC Supply Voltage +4.5V to +5.5V |
Similar Part No. - 74F132_07 |
|
Similar Description - 74F132_07 |