Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

627V100 Datasheet(PDF) 3 Page - Bi technologies

Part # 627V100
Description  Designed For Pentium Power Supply Surface Mount Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

627V100 Datasheet(HTML) 3 Page - Bi technologies

  627V100 Datasheet HTML 1Page - Bi technologies 627V100 Datasheet HTML 2Page - Bi technologies 627V100 Datasheet HTML 3Page - Bi technologies 627V100 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
4-129
Model 627 V100
14
13
12
11
10
9
8
1
2
345
6
7
1.15K
1.35K
800
83
142
R1
R2
R3
R4
R5
V1
GND
V2
V3
V4
V5
.220
±.005
5.59
±0.13
.395
10.03
Max.
.016
0.41
Typ.
Typ.
.050
1.27
.310
7.87
.008
0.20
Typ.
.028
0.71
Max.
Typ.
.095
2.41
Max.
.015
0.38
Typ.
.008
0.20
Lead # 1
Indicator
Note: Maximum allowable mold excursion = 0.006"
UK MADE
Lead #1 Indicator
Part Marking
Date Code
Manufacturer's Trademark
Part
Marking:
627V100
OUTLINE DIMENSIONS (Inch/mm)
SCHEMATIC
PART MARKING


Similar Part No. - 627V100

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
627V100TR4 WELWYN-627V100TR4 Datasheet
192Kb / 4P
   Designed For Pentium짰 Power Supply Surface Mount Resistor Networks
logo
Bi technologies
627V100 BITECH-627V100_12 Datasheet
186Kb / 4P
   Designed For Pentium짰 Power Supply
More results

Similar Description - 627V100

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
627V100TR4 WELWYN-627V100TR4 Datasheet
192Kb / 4P
   Designed For Pentium짰 Power Supply Surface Mount Resistor Networks
logo
IRC - a TT electronics ...
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
   Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
   CITT V.35 Termination Surface Mount Resistor Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com