Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2509 Datasheet(PDF) 2 Page - ITT Industries

Part # T2509
Description  RF Coaxial Connectors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T2509 Datasheet(HTML) 2 Page - ITT Industries

  T2509 Datasheet HTML 1Page - ITT Industries T2509 Datasheet HTML 2Page - ITT Industries T2509 Datasheet HTML 3Page - ITT Industries T2509 Datasheet HTML 4Page - ITT Industries T2509 Datasheet HTML 5Page - ITT Industries T2509 Datasheet HTML 6Page - ITT Industries T2509 Datasheet HTML 7Page - ITT Industries T2509 Datasheet HTML 8Page - ITT Industries T2509 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
36
RF Coaxial Connectors
SSMC
Plugs and Receptacles
Mounting Plan U (Page 109)
Mounting Plan U (Page 109)
Straight Plug
Part Number
Cable Numbers
050-424-3188220
RG174/U, RG316/U
050-424-3196220
RG178/U, RG196/U
050-424-3875220
RD316
Assembly Instructions
050-424-3188220
AI 663 (Page 114)
050-424-3196220
AI 128 (Page 114)
050-424-3875220
AI 663 (Page 114)
Right Angle Plug
Part Number
Cable Numbers
A
A50-428-3188220
RG174/U, RG316/U
10,16 (.400)
A50-428-3196220
RG178/U, RG196/U
9,40 (.370)
Assembly Instructions
A50-428-3188220
AI 286 (Page 115)
A50-428-3196220
AI 696 (Page 115)
Bulkhead Receptacle – Rear Mount
Part Number
050-443-0000220
Bulkhead Receptacle – Front Mount
Part Number
050-445-0000220


Similar Part No. - T2509

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T250 ETC1-T250 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
logo
Motorola, Inc
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
   TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
logo
Intel Corporation
T2500 INTEL-T2500 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
Digitron Semiconductors
T2500 DIGITRON-T2500 Datasheet
122Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
T2500 NJSEMI-T2500 Datasheet
97Kb / 2P
   Triacs Silicon Bidirectional Thyristors
More results

Similar Description - T2509

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com