Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC18B03 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # PC18B03
Description  Cell-based ASIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC18B03 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button PC18B03 Datasheet HTML 4Page - ATMEL Corporation PC18B03 Datasheet HTML 5Page - ATMEL Corporation PC18B03 Datasheet HTML 6Page - ATMEL Corporation PC18B03 Datasheet HTML 7Page - ATMEL Corporation PC18B03 Datasheet HTML 8Page - ATMEL Corporation PC18B03 Datasheet HTML 9Page - ATMEL Corporation PC18B03 Datasheet HTML 10Page - ATMEL Corporation PC18B03 Datasheet HTML 11Page - ATMEL Corporation PC18B03 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
1389CS–CASIC–06-Nov-06
ATC18 Summary
Table 7-3 gives the range of permitted via programmable ROM configurations.
Notes:
1. CM = 16, 32, 64: Column Mux option
2. Min = 256 for CM = 16; min = 512 for CM = 32; min = 1K for CM = 64
7.4
Two-port Synchronous Register File
Key features of the two-port synchronous register file are:
• 2-Port (1R, 1W) high-speed/low-power Register File
• 500MHz worst-case cycle time for 32 words x 32 bits
• Zero Quiescent Current
• 3-state outputs
• Several aspect ratios for optimization
• Separate Data-in, Data-out pins
• Optional sub word write decode
The two-port synchronous register file compiler is a 2-port (1R, 1W) memory designed in 0.18-
micron process. This is a high-speed/low-power synchronous register file compiler. The quies-
cent current consumption is zero when all Register File inputs (including CLKA and CLKB) are
stable. The compiler is optimized for a power supply voltage range of 1.6V to 2.0V and can oper-
ate at voltages as low as 1.2V. The Register File instances can be built with several aspect
ratios for maximum area and performance optimization. Separate clocks (CLKA, CLKB), output
(QB), and input (DA) pins allow independent read and write cycles. Built-in BIST interface allows
for easy connection to most memBIST solutions. The memory also includes a sub-word feature
where selective write to each group of 2-, 4- or 8-bit sub-words can be done. A maskable write
enable signal is optionally provided for each 2-, 4-, or 8-bit group. Within limits, the user has flex-
ibility in specifying the logical size of the Register File, including word size, number of address
locations and column mux.
Table 7-4 gives the range of permitted two-port synchronous register file configurations.
Notes:
1. CM = 1, 2, 4: Column Mux option
2. Minimum word size is 8 at column mux 4.
Table 7-3.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
256(2)
64K
4 x CM(1)
Word Size (Number of I/O bits)
8
64
1 bit
Total Bits in Core (Word Size x Address Locations)
2K
1M
Table 7-4.
Configuration Range
Parameter
Min
Max
Increment
Address Locations (words)
8
1024
1 x CM(1)
Word Size (Number of I/O bits)
2(2)
256
1 bit
Total Bits in Core (Word Size x Address Locations)
16
16K


Similar Part No. - PC18B03

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PC180-20H6 PREMO-PC180-20H6 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
PC180-20V6 PREMO-PC180-20V6 Datasheet
437Kb / 4P
   Common mode chokes with Ferrite cores
logo
PREMIER DEVICES, INC.
PC1843DE-21 PDI-PC1843DE-21 Datasheet
64Kb / 1P
   DROP-IN CIRCULATOR
PC1843DE-21H PDI-PC1843DE-21H Datasheet
85Kb / 1P
   DROP-IN CIRCULATOR
PC1843DG-21 PDI-PC1843DG-21 Datasheet
61Kb / 1P
   DROP-IN CIRCULATOR
More results

Similar Description - PC18B03

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
   Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
   Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
   Cell-based ASIC
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
   Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
   3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
   0.18 關m CMOS Cell-based ASIC for Military Use
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
   Embedded ASIC Memory Cell
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
   Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
   Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
   Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com