Electronic Components Datasheet Search |
|
NC7SZ04P5_NL Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
NC7SZ04P5_NL Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 9 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 3) Recommended Operating Conditions (Note 4) Note 3: Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet specifica- tions should be met without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading vari- ables. Fairchild does not recommend operation outside datasheet specifi- cations. Note 4: Unused inputs must be held HIGH or LOW. They may not float. DC Electrical Characteristics Supply Voltage (VCC) 0.5V to 6V DC Input Voltage (VIN) 0.5V to 6V DC Output Voltage (VOUT) 0.5V to 6V DC Input Diode Current (IIK) @VIN 0.5V 50 mA @ VIN ! 6V 20 mA DC Output Diode Current (IOK) @VOUT 0.5V 50 mA @ VOUT ! 6V, VCC GND 20 mA DC Output Current (IOUT) r50 mA DC VCC/GND Current (ICC/IGND) r50 mA Storage Temperature (TSTG) 65qC to 150qC Junction Temperature under Bias (TJ) 150 qC Junction Lead Temperature (TL) (Soldering, 10 seconds) 260 qC Power Dissipation (PD) @ 85qC SOT23–5 200 mW SOT70–5 150 mW Supply Voltage Operating (VCC) 1.65V to 5.5V Supply Voltage Data Retention (VCC) 1.5V to 5.5V Input Voltage (VIN) 0V to 5.5V Output Voltage (VOUT)0V to VCC Operating Temperature (TA) 40qC to 85qC Input Rise and Fall Time (tr, tf) VCC 1.8V, 2.5V r 0.2V 0 ns/V to 20 ns/V VCC 3.3V r 0.3V 0 ns/V to 10 ns/V VCC 5.0V r 0.5V 0 ns/V to 5 ns/V Thermal Resistance ( TJA) SOT23–5300 qC/W SC70–5425 qC/W Symbol Parameter VCC TA 25qCTA 40qC to 85qC Units Conditions (V) Min Typ Max Min Max VIH HIGH Level Input Voltage 1.65 to 1.95 0.75 VCC 0.75 VCC V 2.3 to 5.5 0.7 VCC 0.7 VCC VIL LOW Level Input Voltage 1.65 to 1.95 0.25 VCC 0.25 VCC V 2.3 to 5.5 0.3 VCC 0.3 VCC VOH HIGH Level Output Voltage 1.65 1.55 1.65 V VIN VIL IOH 100 PA 1.8 1.7 1.8 1.7 2.3 2.2 2.3 2.2 3.0 2.9 3.0 2.9 4.5 4.4 4.5 4.4 1.65 1.29 1.52 1.29 V IOH 4 mA 2.3 1.9 2.15 1.9 IOH 8 mA 3.0 2.4 2.80 2.4 IOH 16 mA 3.0 2.3 2.68 2.3 IOH 24 mA 4.5 3.8 4.20 3.8 IOH 32 mA VOL LOW Level Output Voltage 1.65 0.0 0.1 0.1 VVIN VIH IOL 100 PA 1.8 0.0 0.1 0.1 2.3 0.0 0.1 0.1 3.0 0.0 0.1 0.1 4.5 0.0 0.1 0.1 1.65 0.08 0.24 0.24 V IOL 4 mA 2.3 0.10 0.3 0.3 IOL 8 mA 3.0 0.15 0.4 0.4 IOL 16 mA 3.0 0.22 0.55 0.55 IOL 24 mA 4.5 0.22 0.55 0.55 IOL 32 mA IIN Input Leakage Current 0 to 5.5 r1 r10 PA0 d VIN d 5.5V IOFF Power Off Leakage Current 0.0 1 10 PAVIN or VOUT 5.5V ICC Quiescent Supply Current 1.65 to 5.5 2.0 20 PAVIN 5.5V, GND |
Similar Part No. - NC7SZ04P5_NL |
|
Similar Description - NC7SZ04P5_NL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |