Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8574 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8574
Description  Quad CMOS Op Amp / Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8574 Datasheet(HTML) 6 Page - Holt Integrated Circuits

  HI-8574 Datasheet HTML 1Page - Holt Integrated Circuits HI-8574 Datasheet HTML 2Page - Holt Integrated Circuits HI-8574 Datasheet HTML 3Page - Holt Integrated Circuits HI-8574 Datasheet HTML 4Page - Holt Integrated Circuits HI-8574 Datasheet HTML 5Page - Holt Integrated Circuits HI-8574 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
6
Package Type:
0° to 8°
Detail A
16-PIN PLASTIC SMALL OUTLINE - NB
(Narrow Body)
.0069 ± .0029
(.175 ± .074)
.033 ± .017
(.838 ± .432)
Package Type: 16HN
.061 ± .007
(1.549 ± .178)
.050 ±.010
(1.270 ±.254)
.050 .010
(1.270 .254)
.0165 ± .0035
(.419 ± ..089)
.3898 ± .0039
(9.901 ± .099)
.0165 ± .0035
(.419 ± ..089)
.236 ±.008
(6.00 ±.20)
.236 .008
(6.00 .20)
.00865 ± .00115
(.220 ± .029)
Detail A
.1535 ± .0035
(3.899 ± .089)
Top View
Package Type:
7° TYP.
.777 ±.033
(19.736 ±.838)
.135 ±.015
(3.429 ±.381)
0° ~15°
.340 ±.040
(8.636 ±1.016)
.019 ±.004
(.483 ±.102)
.055 ±.010
(1.397 ±.254)
.100 ±.010
(3.540 ±.254)
.130 ±.020
(3.302 ±.508)
.250 ±.010
(6.350 ±.254)
.305 ±.015
(7.747 ±.381)
.160 ±.025
(4.064 ±.635)
16-PIN PLASTIC DIP
16P


Similar Part No. - HI-8574

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8574 HOLTIC-HI-8574 Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PDI HOLTIC-HI-8574PDI Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PDIF HOLTIC-HI-8574PDIF Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PSI HOLTIC-HI-8574PSI Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PSIF HOLTIC-HI-8574PSIF Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
More results

Similar Description - HI-8574

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8573 HOLTIC-HI-8573_06 Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
logo
NTE Electronics
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
   Integrated Circuit OP Amp/Comparator
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
logo
Holtek Semiconductor In...
HT9274 HOLTEK-HT9274 Datasheet
130Kb / 6P
   Quad Micropower Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com