Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8574 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8574
Description  Quad CMOS Op Amp / Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8574 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8574 Datasheet HTML 1Page - Holt Integrated Circuits HI-8574 Datasheet HTML 2Page - Holt Integrated Circuits HI-8574 Datasheet HTML 3Page - Holt Integrated Circuits HI-8574 Datasheet HTML 4Page - Holt Integrated Circuits HI-8574 Datasheet HTML 5Page - Holt Integrated Circuits HI-8574 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Output A 1
Input A - 2
Input A + 3
V4
Input B + 5
Input B - 6
Output B 7
IA, B 8
CC
SET
16 Output D
15 Input D -
14 Input D +
13 V
12 Input C +
11 Input C -
10 Output C
9 I
C, D
EE
SET
HOLT INTEGRATED CIRCUITS
!
!
!
!
!
!
!
Oscillators
Function generators
Active filters
Logic level converters
Voltage reference
Zero crossing detectors
Instrumentation
APPLICATIONS
HI-8573, HI-8574, HI-8575
Quad CMOS Op Amp / Comparator
DESCRIPTION
FEATURES
PIN CONFIGURATION
The HI-8573, HI-8574 and HI-8575 devices are designed
using low power CMOS technology. The operating
current is externally programmable with a resistor to give
the optimum tradeoff between power dissipation and slew
rate. The operational amplifiers are internally
compensated.
All three versions offer a high degree of versatility and are
well suited for both line-powered and battery-powered
systems. Features include a typical offset voltage of
±5 mV, high input impedance and low current drain.
Either single or dual power supply operation may be
used up to 15V DC. The comparators are CMOS and
TTL compatible. The three devices are direct
replacements for the Motorola/ON-Semiconductor
MC14573, MC14574 and MC14575 respectively.
!
!
!
!
!
!
!
!
!
Single or dual power supply. +3 to 15Vdc
or ±1.5 to ±7.5Vdc
Wide input voltage range
Common mode range 0 to V -2V single
supply
Adjustable current / slew rate
Typical offset ±5 mV
Internally compensated op amps
High input impedance
CMOS and TTL compatible comparators
Direct replacements for Motorola / On
Semiconductor MC14573, MC14574 and
MC14575
CC
16 Pin Plastic DIP package
February 2002
www.holtic.com
(DS8573 Rev. New)
02/02


Similar Part No. - HI-8574

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8574 HOLTIC-HI-8574 Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PDI HOLTIC-HI-8574PDI Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PDIF HOLTIC-HI-8574PDIF Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PSI HOLTIC-HI-8574PSI Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PSIF HOLTIC-HI-8574PSIF Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
More results

Similar Description - HI-8574

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8573 HOLTIC-HI-8573_06 Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
logo
NTE Electronics
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
   Integrated Circuit OP Amp/Comparator
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
logo
Holtek Semiconductor In...
HT9274 HOLTEK-HT9274 Datasheet
130Kb / 6P
   Quad Micropower Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com