Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8574 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8574
Description  Quad CMOS Op Amp / Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8574 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8574 Datasheet HTML 1Page - Holt Integrated Circuits HI-8574 Datasheet HTML 2Page - Holt Integrated Circuits HI-8574 Datasheet HTML 3Page - Holt Integrated Circuits HI-8574 Datasheet HTML 4Page - Holt Integrated Circuits HI-8574 Datasheet HTML 5Page - Holt Integrated Circuits HI-8574 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HI-8573, HI-8574, HI-8575
PARAMETER
SYMBOL
V
MIN
TYP
MAX
UNITS
CC
Input common mode voltage range
5
0
3
10
0
8
15
0
13
Output voltage range
(I
= 50
(R = 100 K connected to V )
Average temperature coefficient of V
V
20
V/°C
Input bias current
I
10
1
nA
Input offset current
I
10
200
pA
Open loop voltage gain
(ISET =
A
10
90
dB
Power supply rejection ratio
PSRR
10
70
dB
Common mode rejection ratio
CMRR
10
80
dB
(I
= 200 A)
V
Vdc
5
1.05
4
V
10
1.05
9
Vdc
15
1.05
14
Input offset voltage
V
10
±5
±25
mVdc
/T
50
Channel separation
10
-100
dB
Slew rate
S
10
2.5
V/ s
Phase margin
M
10
45
Degrees
Supply current, per pair
(R
= 1 M
5
50
I
10
100
A
15
150
Supply current, per pair
R
= 100 K
5
0.5
I
10
1.2
mA
15
1.8
Gain x Bandwidth product
G
10
1.4
MHz
SET
ICR
OR
IO
O
R
SET
CC
SET
CC
BP
m
m
D
m
m
F
m
(
SET
LEE
IO
I
IB
IO
VOL
A)
A)
)
)
W
Dm
W
W
NOTE:
Stresses above absolute maximum
ratings or outside recommended operating
conditions may cause permanent damage to the
device. These are stress ratings only. Operation
at the limits is not recommended.
Supply voltage (
Input voltage. All inputs
Storage temperature range
-60 to +150 °C
Solder Temperature (Leads)
275°C for 10 sec
Solder Temperature (Body)
220°C
V )
-0.5 V to +18 V
-0.5 V to V +0.5 V
DC input current, per pin
±10 mA
Programming current range
2.0 mA
CC
CC
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Temperature Range
Industrial Screening.........-40°C to +85°C
V -V
.......................... +3.0 to +15 V
CC EE
ELECTRICAL CHARACTERISTICS - OPERATIONAL AMPLIFIER
V
= 0 V, T = 25°C (unless otherwise specified).
EE
A
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8574

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8574 HOLTIC-HI-8574 Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PDI HOLTIC-HI-8574PDI Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PDIF HOLTIC-HI-8574PDIF Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PSI HOLTIC-HI-8574PSI Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
HI-8574PSIF HOLTIC-HI-8574PSIF Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
More results

Similar Description - HI-8574

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8573 HOLTIC-HI-8573_06 Datasheet
128Kb / 7P
   Quad CMOS Op Amp / Comparator
logo
NTE Electronics
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
   Integrated Circuit OP Amp/Comparator
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
logo
Holtek Semiconductor In...
HT9274 HOLTEK-HT9274 Datasheet
130Kb / 6P
   Quad Micropower Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com