Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ08P5X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7SZ08P5X
Description  TinyLogic UHS 2-Input AND Gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ08P5X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NC7SZ08P5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ08P5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ08P5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ08P5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ08P5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ08P5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ08P5X Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ08P5X Datasheet HTML 9Page - Fairchild Semiconductor NC7SZ08P5X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.fairchildsemi.com
NC7SZ08 Rev. 1.0.0
Tape and Reel Specification
Tape Format for SC70 and SOT23
Tape Dimension inches (millimeters)
Package
Designator
Tape
Section
Number
Cavities
Cavity
Status
Cover Tape
Status
M5X, P5X
Leader (Start End)
125 (typ)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
Dim A
Dim B
Dim F
Dim KO
Dim P1
Dim W
SC70-5
8 mm
0.093
(2.35)
0.096
(2.45)
0.138±0.004
(3.5±0.10)
0.053±0.004
(1.35±0.10)
0.157
(4)
0.315±0.004
(8±0.1)
SOT23-5
8 mm
0.130
(3.3)
0.130
(3.3)
0.138±0.002
(3.5±0.05)
0.055±0.004
(1.4±0.11)
0.157
(4)
0.315±0.012
(8±0.3)


Similar Part No. - NC7SZ08P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ08P5X FAIRCHILD-NC7SZ08P5X Datasheet
105Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08P5X FAIRCHILD-NC7SZ08P5X Datasheet
177Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08P5X FAIRCHILD-NC7SZ08P5X Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
logo
ON Semiconductor
NC7SZ08P5X ONSEMI-NC7SZ08P5X Datasheet
586Kb / 11P
   UHS Two-Input AND Gate
October-2017, Rev . 2
NC7SZ08P5X ONSEMI-NC7SZ08P5X Datasheet
508Kb / 13P
   TinyLogic UHS Two-Input AND Gate
April, 2022 ??Rev. 6
More results

Similar Description - NC7SZ08P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
105Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
177Kb / 8P
   TinyLogic UHS 2-Input AND Gate
logo
ON Semiconductor
NC7WZ08 ONSEMI-NC7WZ08_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZ08 FAIRCHILD-NC7WZ08 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input AND Gate
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ32 FAIRCHILD-NC7SZ32_05 Datasheet
132Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32 Datasheet
105Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ02 FAIRCHILD-NC7SZ02_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com