Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8575 Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8575
Description  Quad CMOS Op Amp / Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8575 Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8575 Datasheet HTML 1Page - Holt Integrated Circuits HI-8575 Datasheet HTML 2Page - Holt Integrated Circuits HI-8575 Datasheet HTML 3Page - Holt Integrated Circuits HI-8575 Datasheet HTML 4Page - Holt Integrated Circuits HI-8575 Datasheet HTML 5Page - Holt Integrated Circuits HI-8575 Datasheet HTML 6Page - Holt Integrated Circuits HI-8575 Datasheet HTML 7Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HOLT INTEGRATED CIRCUITS
2
HI-8573, HI-8574, HI-8575
PIN DESCRIPTIONS
PROGRAMMING CURRENT
The programming current I
is fixed by an external re-
sistor R
connected between V
and either one or
both of the I
pins (8 and 9). When two external pro-
gramming resistors are used, the set currents for each op
amp pair or comparator are given by:
I
( A)
(V
-V
-1.0)/R
(M )
Pins 8 and 9 may be tied together for use with a single pro-
gramming resistor. The set currents for each op amp or
comparator pair are then given by:
SET
SET
EE
SET
SET
CC
EE
SET
mW
@
I
( A)
(V
-V
-1.0)/2 R
(M )
If a pair of op amps or comparators are not used, the I
pin for that pair may be tied to V
for minimum power
consumption.
SET
CC
EE
SET
SET
CC
mW
@
It should be noted that increasing I
for comparators
will decrease propagation delay for that comparator.
For operational amplifiers, the maximum obtainable out-
put voltage (V
) for a given load resistor connected to
V
is given by:
V
= (4 x 10 I
)R - 0.05V
if (4 x10 I
)R <V
where, R is in K , I
is in A
Typical op amp slew rates are given by:
S
0.05 I
(V/ s).
where, I
is in A
SET
OH
EE
OH
SET
L
SET
L
L
SET
R
SET
SET
-3
-3
CC
Wm
@m
m
PIN
SYMBOL
FUNCTION
DESCRIPTION
HI-8573
HI-8574
HI-8575
1
Output A
Analog output
Amplifier A
Comparator A
Amplifier A
2
Input A-
Analog input
Amplifier A
Comparator A
Amplifier A
3
Input A+
Analog input
Amplifier A
Comparator A
Amplifier A
4
V
Power
Positive supply voltage
5
Input B+
Analog input
Amplifier B
Comparator B
Amplifier B
6
Input B-
Analog input
Amplifier B
Comparator B
Amplifier B
7
Output B
Analog output
Amplifier B
Comparator B
Amplifier B
8
I
A, B
Analog input
Bias control for A and B
9
I
C, D
Analog input
Bias control for C and D
10
Output C
Analog output
Amplifier C
Comparator C
Comparator C
11
Input C-
Analog input
Amplifier C
Comparator C
Comparator C
12
Input C+
Analog input
Amplifier C
Comparator C
Comparator C
13
V
Power
Negative supply voltage
14
Input D+
Analog input
Amplifier D
Comparator D
Comparator D
15
Input D-
Analog input
Amplifier D
Comparator D
Comparator D
16
Output D
Analog output
Amplifier D
Comparator D
Comparator D
CC
SET
SET
EE
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8575

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8575 HOLTIC-HI-8575 Datasheet
62Kb / 6P
   Quad CMOS Op Amp / Comparator
HI-8575PDI HOLTIC-HI-8575PDI Datasheet
62Kb / 6P
   Quad CMOS Op Amp / Comparator
HI-8575PSI HOLTIC-HI-8575PSI Datasheet
62Kb / 6P
   Quad CMOS Op Amp / Comparator
More results

Similar Description - HI-8575

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8573 HOLTIC-HI-8573 Datasheet
62Kb / 6P
   Quad CMOS Op Amp / Comparator
logo
NTE Electronics
NTE863 NTE-NTE863 Datasheet
21Kb / 2P
   Integrated Circuit OP Amp/Comparator
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
logo
Holtek Semiconductor In...
HT9274 HOLTEK-HT9274 Datasheet
130Kb / 6P
   Quad Micropower Op Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com