Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ08P5X_NL Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SZ08P5X_NL
Description  TinyLogic UHS 2-Input AND Gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ08P5X_NL Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SZ08P5X_NL Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ08P5X_NL Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ08P5X_NL Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ08P5X_NL Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ08P5X_NL Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ08P5X_NL Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ08P5X_NL Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ08P5X_NL Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ08P5X_NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
NC7SZ08 Rev. 1.0.0
DC Electrical Characteristics
Symbol
Parameter
Conditions
VCC (V)
TA =
Units
+25°C
−40°C to +85°C
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level
Input Voltage
1.65 to 1.95
0.75 x VCC
0.75 x VCC
V
2.3 to 5.5
0.7 x VCC
0.7 x VCC
VIL
LOW Level
Input Voltage
1.65 to 1.95
0.25 x VCC
0.25 x VCC
V
2.3 to 5.5
0.3 x VCC
0.3 x VCC
VOH
HIGH Level
Output
Voltage
VIN
VIN = VIH,
IOH = -100µA
1.65
1.55
1.65
1.55
V
1.8
1.7
1.8
1.7
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
IOH = -4mA
1.65
1.29
1.52
1.29
IOH = -8mA
2.3
1.9
2.15
1.9
IOH = -16mA
3.0
2.5
2.80
2.4
IOH = -24mA
3.0
2.4
2.68
2.3
IOH = -32mA
4.5
3.9
4.20
3.8
VOL
LOW Level
Output
Voltage
VIN = VIL,
IOL = 100µA
1.65
0.0
0.1
0.1
V
1.8
0.0
0.1
0.1
2.3
0.0
0.1
0.1
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
IOL = 4mA
1.65
0.08
0.24
0.24
IOL = 8mA
2.3
0.10
0.3
0.3
IOL = 16mA
3.0
0.15
0.4
0.4
IOL = 24mA
3.0
0.22
0.55
0.55
IOL = 32mA
4.5
0.22
0.55
0.55
IIN
Input Leakage
Current
VIN = 5.5V, GND
0 to 5.5
±1
±10
µA
IOFF
Power Off
Leakage
Current
VIN or
VOUT = 5.5V
0.0
1
10
µA
ICC
Quiescent
Supply
Current
VIN = 5.5V, GND
1.65 to 5.5
2.0
20
µA


Similar Part No. - NC7SZ08P5X_NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ08P5X-F22057 ONSEMI-NC7SZ08P5X-F22057 Datasheet
508Kb / 13P
   TinyLogic UHS Two-Input AND Gate
April, 2022 ??Rev. 6
logo
Fairchild Semiconductor
NC7SZ08P5X FAIRCHILD-NC7SZ08P5X_09 Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
More results

Similar Description - NC7SZ08P5X_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
105Kb / 8P
   TinyLogic UHS 2-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08 Datasheet
177Kb / 8P
   TinyLogic UHS 2-Input AND Gate
logo
ON Semiconductor
NC7WZ08 ONSEMI-NC7WZ08_V01 Datasheet
426Kb / 9P
   TinyLogic UHS Dual 2-Input AND Gate
April, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZ08 FAIRCHILD-NC7WZ08 Datasheet
187Kb / 8P
   TinyLogic UHS Dual 2-Input AND Gate
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ00 FAIRCHILD-NC7SZ00_05 Datasheet
133Kb / 9P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ00 FAIRCHILD-NC7SZ00 Datasheet
80Kb / 7P
   TinyLogic UHS 2-Input NAND Gate
NC7SZ32 FAIRCHILD-NC7SZ32_05 Datasheet
132Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ32 FAIRCHILD-NC7SZ32 Datasheet
105Kb / 9P
   TinyLogic UHS 2-Input OR Gate
NC7SZ02 FAIRCHILD-NC7SZ02_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com