Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8584 Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-8584
Description  Enhanced ARINC 429 Serial Transmitter and Dual Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8584 Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-8584 Datasheet HTML 3Page - Holt Integrated Circuits HI-8584 Datasheet HTML 4Page - Holt Integrated Circuits HI-8584 Datasheet HTML 5Page - Holt Integrated Circuits HI-8584 Datasheet HTML 6Page - Holt Integrated Circuits HI-8584 Datasheet HTML 7Page - Holt Integrated Circuits HI-8584 Datasheet HTML 8Page - Holt Integrated Circuits HI-8584 Datasheet HTML 9Page - Holt Integrated Circuits HI-8584 Datasheet HTML 10Page - Holt Integrated Circuits HI-8584 Datasheet HTML 11Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
The word counter detects when all loaded positions have been
transmitted and sets the transmitter ready flag, TX/R, high.
TRANSMITTER PARITY
SELF TEST
SYSTEM OPERATION
The parity generator counts the Ones in the 31-bit word.
If
control register bit CR12 is set low, the 32nd bit transmitted will
make parity odd. If the control bit is, high the parity is even.
Setting CR4 to a Zero bypasses the parity generator, and allows
32 bits of data to be transmitted.
If control register bit CR5 is set low, the transmitter serial output
data are internally connected to each of the two receivers,
bypassing the analog interface circuitry. Data is passed
unmodified to receiver 1 and inverted to receiver 2. The serial
data from the transmitter is always present on the 429DO and
outputs regardless of the state of CR5.
The two receivers are independent of the transmitter. There-
fore, control of data exchanges is strictly at the option of the
user. The only restrictions are:
1. The received data will be overwritten if the receiver
FIFO is full and at least one location is not retrieved before
the next complete ARINC word is received.
2. The transmitter FIFO can store 32 words maximum and
ignores attempts to load additional data if full.
429DO
REPEATER OPERATION
Repeater mode of operation allows a data word that has been
received by the HI-8584 to be placed directly into the transmitter
FIFO. Repeater operation is similar to normal receiver operation.
In normal operation, either byte of a received data word may be
read from the receiver latches first by use of SEL input. During
repeater operation however, the lower byte of the data word must
be read first. This is necessary because, as the data is being read,
it is also being loaded into transmitter FIFO which is always loaded
with the lower byte of the data word first. Signal flow for repeater
operation is shown in the Timing Diagrams section.
Please refer to the Holt AN-300 Application Note for additional
information and recommendations on lightning protection of Holt
line drivers and line receivers.
HI-8584-10
The HI-8584-10 option is similar to the HI-8584 with the exception
that it allows an external 10 Kohm resistor to be added in series
with each ARINC input without affecting the ARINC input thresh-
olds. This option is especially useful in applications where light-
ning protection circuitry is also required.
Each side of the ARINC bus must be connected through a 10 Kohm
series resistor in order for the chip to detect the correct ARINC
levels. The typical 10 volt differential signal is translated and input
to a window comparator and latch. The comparator levels are set
so that with the external 10 Kohm resistors, they are just below the
standard 6.5 volt minimum ARINC data threshold and just above
the standard 2.5 volt maximum ARINC null threshold.
The HI-8584 may be operated at clock frequencies beyond that re-
quired for ARINC compliant operation. For operation at Master
Clock (CLK) frequencies up to 5MHz, please contact Holt applica-
tions engineering.
HIGH SPEED OPERATION
MASTER RESET (
)
MR
On a Master Reset data transmission and reception are immedi-
ately terminated, all three FIFOs are cleared as are the FIFO flags
at the device pins and in the Status Register.
The Control
Register is not affected by a Master Reset.
FUNCTIONAL DESCRIPTION (cont.)
DATA TRANSMISSION
When ENTX goes high, enabling transmission, the FIFO
positions are incremented with the top register loading into the
data transmission shift register. Within 2.5 data clocks the first
data bit appears at 429DO and
. The 31 or 32 bits in the
data transmission shift register are presented sequentially to
the outputs in the ARINC 429 format with the following timing:
429DO
ARINC DATA BIT TIME
10 Clocks
80 Clocks
DATA BIT TIME
5 Clocks
40 Clocks
NULL BIT TIME
5 Clocks
40 Clocks
WORD GAP TIME
40 Clocks
320 Clocks
HIGH SPEED
LOW SPEED
HOLT INTEGRATED CIRCUITS
7
HI-8584


Similar Part No. - HI-8584

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8584 HOLTIC-HI-8584 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584CJI HOLTIC-HI-8584CJI Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584CJI-10 HOLTIC-HI-8584CJI-10 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584CJIF HOLTIC-HI-8584CJIF Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584CJIF-10 HOLTIC-HI-8584CJIF-10 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
More results

Similar Description - HI-8584

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com