Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8571PST Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-8571PST
Description  /- 5V Supply, ARINC 429 LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8571PST Datasheet(HTML) 7 Page - Holt Integrated Circuits

  HI-8571PST Datasheet HTML 1Page - Holt Integrated Circuits HI-8571PST Datasheet HTML 2Page - Holt Integrated Circuits HI-8571PST Datasheet HTML 3Page - Holt Integrated Circuits HI-8571PST Datasheet HTML 4Page - Holt Integrated Circuits HI-8571PST Datasheet HTML 5Page - Holt Integrated Circuits HI-8571PST Datasheet HTML 6Page - Holt Integrated Circuits HI-8571PST Datasheet HTML 7Page - Holt Integrated Circuits HI-8571PST Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HI-8570 / HI-8571 PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
7
8-PIN PLASTIC DIP
Package Type: 8P
.385 ± .015
(4.699 ± .381)
7° TYP.
.025 ± .010
(.635
.254)
±
.335 ± .035
(8.509 ± .889)
.250
.010
±
(6.350 ± .254)
.100 ± .010
(3.540 ± .254)
.135 ± .015
(3.429 ± .381)
.055 ± .010
(1.397 ± .254)
.1375 ± .0125
(3.493 ± .318)
.019 ± .002
(.483 ± .102)
.0115 ± .0035
(.292 ± .089)
.300 ± .010
(7.620 ± .254)
DETAIL A
8-PIN PLASTIC SMALL OUTLINE (ESOIC) - NB
(Narrow Body, Thermally Enhanced)
.033 ± .017
(.8382 ± .4318)
.050 ± .010
(1.27 ± .254)
Package Type:
0° to 8°
8HNE
PIN 1
DETAIL A
Top View
Bottom View
.1535 ± .0035
(3.90 ± .09)
.1935 ± .0035
(4.915 ± .085)
.236 ± .008
(5.994 ± .203)
.0085 ± .0015
(.2159 ± .0381)
.0165 ± .0035
(.4191 ± .0889)
.140 ± .010
(3.556 ± .254)
.100 ± .010
(2.540 ± .254)
.0025 ± .0015
(.0635 ± .0381)
.055 ± .005
(1.397 ± .127)
Electrically isolated metal
heat sink on bottom of
package
(Connect to any ground or
power plane for optimum
thermal dissipation)


Similar Part No. - HI-8571PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8571PST HOLTIC-HI-8571PST Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8571PSTF HOLTIC-HI-8571PSTF Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
More results

Similar Description - HI-8571PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570_13 Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
logo
Device Engineering Inco...
DEI5070 DEIAZ-DEI5070 Datasheet
324Kb / 11P
   ARINC 429 5V LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com