Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8588PSI Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8588PSI
Description  ARINC 429 LINE RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8588PSI Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8588PSI Datasheet HTML 1Page - Holt Integrated Circuits HI-8588PSI Datasheet HTML 2Page - Holt Integrated Circuits HI-8588PSI Datasheet HTML 3Page - Holt Integrated Circuits HI-8588PSI Datasheet HTML 4Page - Holt Integrated Circuits HI-8588PSI Datasheet HTML 5Page - Holt Integrated Circuits HI-8588PSI Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HI-8588
ARINC 429 LINE RECEIVER
DESCRIPTION
!
!
!
!
!
Direct ARINC 429 line receiver interface
in a small outline package
Receiver input hystersis at least 2 volts
Test inputs that bypass analog input and
can power down and tri-state outputs
Plastic and ceramic package options -
surface mount and DIP
Mil processing available
FEATURES
PIN CONFIGURATION
SUPPLY VOLTAGES
FUNCTION TABLE
RECEIVER
-1.25V to 1.25V
-1.25V to 1.25V
0
0
0
0
-3.25V to -6.5V
3.25V to 6.5V
0
0
0
1
3.25V to 6.5V
-3.25V to -6.5V
0
0
1
0
XX
0
1
0
1
XX
1
0
1
0
X
X
1
1
HI-Z
HI-Z
RINA
RINB
TESTA TESTB ROUTA ROUTB
vcc =5.0V±5%
PIN
SYMBOL
FUNCTION
DESCRIPTION
1
VCC
SUPPLY
5 VOLT SUPPLY
2
TESTA
LOGIC INPUT
CMOS
3
RINB
ARINC INPUT
RECEIVER B INPUT
4
RINA
ARINC INPUT
RECEIVER A INPUT
5
GND
POWER
GROUND
6
ROUTA
LOGIC OUTPUT
RECEIVER CMOS OUTPUT A
7
ROUTB
LOGIC OUTPUT
RECEIVER CMOS OUTPUT B
8
TESTB
LOGIC INPUT
CMOS
PIN DESCRIPTION TABLE
The HI-8588 is an ARINC 429 bus interface receiver and is
available in a SO 8 pin package.
The technology is
analog/digital CMOS. The circuitry requires only a 5 volt
supply.
The ARINC bus can be connected directly to the chip. The
typical 10 volt differential signal is translated and input to a
window comparator and latch. The comparator levels are
just below the standard 6.5 volt minimum ARINC data
threshold and just above the standard 2.5 volt maximum
ARINC null threshold.
The TESTA and TESTB inputs bypass the analog for
testing purposes. Also if TESTA and TESTB are both taken
high, the analog powers down and the digital outputs tri-
state allowing wire-or possibilities.
Please refer to the HI-8588-10 for applications where an
external resistance in series with the ARINC inputs is
required for lightning protection or when the digital outputs
need to be a logic zero rather than open circuit when
TESTA and TESTB are both high.
See Holt Application Note AN-300 for more information on
lightning protection.
August 2006
www.holtic.com
(DS8588 Rev. C)
08/06
RINA - 4
TESTA - 2
VCC-1
RINB - 3
5 - GND
7 - ROUTB
8 - TESTB
6 - ROUTA
8 - PIN PLASTIC NARROW BODY SOIC
8588PS
HOLT INTEGRATED CIRCUITS


Similar Part No. - HI-8588PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8588PSI HOLTIC-HI-8588PSI Datasheet
167Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588PSI-10 HOLTIC-HI-8588PSI-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588PSI-10 HOLTIC-HI-8588PSI-10 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588PSIF-10 HOLTIC-HI-8588PSIF-10 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
More results

Similar Description - HI-8588PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588 Datasheet
167Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10_14 Datasheet
63Kb / 7P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10_06 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com