Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8599PQT Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8599PQT
Description  ARINC 429 LINE DRIVER AND DUAL RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8599PQT Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-8599PQT Datasheet HTML 2Page - Holt Integrated Circuits HI-8599PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-8599PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-8599PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-8599PQT Datasheet HTML 6Page - Holt Integrated Circuits HI-8599PQT Datasheet HTML 7Page - Holt Integrated Circuits HI-8599PQT Datasheet HTML 8Page - Holt Integrated Circuits HI-8599PQT Datasheet HTML 9Page - Holt Integrated Circuits HI-8599PQT Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FUNCTIONAL DESCRIPTION (cont.)
LINE DRIVER OPERATION
The line driver in the HI-8599 is designed to directly drive the
ARINC 429 bus.
The two ARINC outputs (TXA(OUT) and
TXB(OUT)) provide a differential voltage to produce a +10 volt
One, a -10 volt Zero, and a 0 volt Null. Setting Control Register bit
13 to zero causes a slope of 1.5 s on the ARINC outputs. A one in
Control Register bit 13 causes a slope of 10 s. Timing is set by on-
chip resistor and capacitor and tested to be within ARINC require-
ments.
he
HI-8599 has 10 ohms in series with each line driver output, and is
for applications where additional external series resistance is
required, such as lightning protection.
m
m
No additional hardware is required to control the slope. T
Repeater mode of operation allows a data word that has been
received by the HI-8599 to be placed directly into its FIFO for
transmission.
Repeater operation is similar to normal receiver
operation. In normal operation, either byte of a received data word
may be read from the receiver latches first by use of SEL input.
During repeater operation however, the lower byte of the data word
must be read first. This is necessary because, as the data is being
read, it is also being loaded into the FIFO and the transmitter FIFO
is always loaded with the lower byte of the data word first. Signal
flow for
repeater operation is shown in the Timing Diagrams
section.
REPEATER OPERATION
DATA RATE - EXAMPLE PATTERN
TXA(OUT)
ARINC BIT
TXB(OUT)
NULL
DATA
DATA
DATA
NULL
NULL
WORD GAP
BIT 1
NEXT WORD
BIT 32
BIT 31
BIT 30
LOADING CONTROL WORD
CWHLD
t
CWSET
t
CWSTR
t
DATA BUS
CWSTR
VALID
TIMING DIAGRAMS
HI-8599
HI-8599-10
The “-10” version of the HI-8599 product require a 10 Kohm
resistor to be placed in series with each ARINC input without
affecting the ARINC input thresholds. This option is especially
useful in applications where external lightning protection is
required.
Each ARINC input pin must be connected to the ARINC bus
through a 10 Kohm resistor in order for the chip to properly detect
the correct ARINC levels. The typical 10 volt differential signal is
translated and input to a window comparator and latch.
The
comparator levels are set so that with the external 10 Kohm
resistors, they are just below the standard 6.5 volt minimum
ARINC data threshold and just above the 2.5 volt
maximum
ARINC null threshold.
Please refer to the Holt AN-300 Application Note for additional
information and recommendations on lightning protection of Holt
line drivers and line receivers.
POWER SUPPLY SEQUENCING
The power supplies should be controlled to prevent large currents
during supply turn-on and turn-off. The recommended sequence
is V+ followed by Vcc, always ensuring that V+ is the most
positive supply. The V- supply is not critical and can be asserted
at any time.
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8599PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8599PQTF HOLTIC-HI-8599PQTF Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8599PQTF-10 HOLTIC-HI-8599PQTF-10 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
More results

Similar Description - HI-8599PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581 HOLTIC-HI-8581_06 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581 HOLTIC-HI-8581 Datasheet
480Kb / 15P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281_03 Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Fairchild Semiconductor
RM3283 FAIRCHILD-RM3283 Datasheet
144Kb / 10P
   Dual ARINC 429 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com