Electronic Components Datasheet Search |
|
NC7SZ14 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
NC7SZ14 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) Recommended Operating Conditions (Note 2) Note 1: Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet specifica- tion should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading vari- ables. Fairchild does not recommend operation outside datasheet specifi- cations. Note 2: Unused inputs must be held HIGH or LOW. They may not float. DC Electrical Characteristics Supply Voltage (VCC) −0.5V to +6V DC Input Voltage (VIN) −0.5V to +6V DC Output Voltage (VOUT) −0.5V to +6V DC Input Diode Current (IIK) @VIN < −0.5V −50 mA @VIN > 6V +20 mA DC Output Diode Current (IOK) @VOUT < −0.5V −50 mA @VOUT > 6V, VCC = GND +20 mA DC Output Current (IOUT) ±50 mA DC VCC/GND Current (ICC/IGND) ±50 mA Storage Temperature (TSTG) −65°C to +150°C Junction Temperature under Bias (TJ) 150 °C Junction Lead Temperature (T1); (Soldering, 10 seconds) 260 °C Power Dissipation (PD) @ +85°C SOT23-5 200 mW SC70-5 150 mW Supply Voltage Operating (VCC) 1.65V to 5.5V Supply Voltage Data Retention (VCC) 1.5V to 5.5V Input Voltage (VIN)0V to 5.5V Output Voltage (VOUT) 0V to VCC Operating Temperature (TA) −40°C to +85°C Thermal Resistance ( θ JA) SOT23-5 300 °C/W SC70-5 425 °C/W Symbol Parameter VCC TA = +25°CTA = −40°C to +85°C Unit Conditions (V) Min TypMax MinMax VP Positive Threshold 1.65 0.6 1.0 1.4 0.6 1.4 V Voltage 1.8 0.7 1.1 1.5 0.7 1.5 2.3 1.0 1.4 1.8 1.0 1.8 3.0 1.3 1.75 2.2 1.3 2.2 4.5 1.9 2.45 3.1 1.9 3.1 5.5 2.2 2.9 3.6 2.2 3.6 VN Negative Threshold 1.65 0.2 0.5 0.8 0.2 0.8 V Voltage 1.8 0.25 0.55 0.9 0.25 0.9 2.3 0.40 0.75 1.15 0.40 1.15 3.0 0.6 1.0 1.5 0.6 1.5 4.5 1.0 1.43 2.0 1.0 2.0 5.5 1.2 1.70 2.3 1.2 2.3 VH Hysteresis Voltage 1.65 0.1 0.48 0.9 0.1 0.9 V 1.8 0.15 0.54 1.0 0.15 1.0 2.3 0.25 0.65 1.1 0.25 1.1 3.0 0.4 0.77 1.2 0.4 1.2 4.5 0.6 1.01 1.5 0.6 1.5 5.5 0.7 1.18 1.7 0.7 1.7 VOH HIGH Level 1.65 1.55 1.65 1.55 VVIN = VIL IOH = −100 µA Output Voltage 1.8 1.7 1.8 1.7 2.3 2.2 2.3 2.2 3.0 2.9 3.0 2.9 4.5 4.4 4.5 4.4 1.65 1.29 1.52 1.29 V IOH = −4 mA 2.3 1.9 2.15 1.9 IOH = −8 mA 3.0 2.4 2.80 2.4 IOH = −16 mA 3.0 2.3 2.68 2.3 IOH = −24 mA 4.5 3.8 4.20 3.8 IOH = −32 mA |
Similar Part No. - NC7SZ14 |
|
Similar Description - NC7SZ14 |