Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8588CRM Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8588CRM
Description  ARINC 429 LINE RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8588CRM Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8588CRM Datasheet HTML 1Page - Holt Integrated Circuits HI-8588CRM Datasheet HTML 2Page - Holt Integrated Circuits HI-8588CRM Datasheet HTML 3Page - Holt Integrated Circuits HI-8588CRM Datasheet HTML 4Page - Holt Integrated Circuits HI-8588CRM Datasheet HTML 5Page - Holt Integrated Circuits HI-8588CRM Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HI-8588
FUNCTIONAL DESCRIPTION
RINA
RINB
NULL
ZERO
NULL
ONE
TEST
TESTA
TEST
TEST
TESTB
TESTA ' TESTB
ROUTB
TESTA ' TESTB
ROUTA
FIGURE 1 - RECEIVER BLOCK DIAGRAM
TEST
R
SQ
R
LATCH
SQ
LATCH
ESD
PROTECTION
AND
TRANSLATION
TXBOUT
TXAOUT
TX0IN
TX1IN
ARINC
Channel
RINB
RINA
TESTA
TESTB
{
HARDWIRE
OR
DRIVE FROM LOGIC
ROUTB
ROUTA
5V
VCC
V-
-15V
GND
TXD1
TXD0
RXD0
RXD1
HI-6010
8 BIT BUS
ARINC
Channel
1
2
8
6
7
4
3
4
5
6
7
3
2
HI-8588
FIGURE 2 - APPLICATION DIAGRAM
APPLICATION INFORMATION
15V
V+
8
5
HI-8586
SLP1.5
1
RECEIVER
Figure 1 shows the general architecture of the ARINC 429
receiver. The receiver operates off the VCC supply only.
The inputs RINA and RINB each have series resistors, typi-
cally 35K ohms. They connect to level translators whose
resistance to Ground is typically 10K ohms. Therefore, any
series resistance added to the inputs will affect the voltage
translation.
After level translation, the inputs are buffered and become
inputs to a differential amplifier. The amplitude of the differ-
ential signal is compared to levels derived from a divider be-
tween VCC and Ground. The nominal settings correspond
to a One/Zero amplitude of 6.0V and a Null amplitude of
3.3V.
The status of the ARINC receiver input is latched. A
Null input resets the latches and a One or Zero input
sets the latches.
The logic at the output is controlled by the test signal
which is generated by the logical OR of the TESTA and
TESTB pins. If TESTA and TESTB are both One, then
the receiver is powered down and the output pins float.
The powerdown does not disconnect the internal resis-
tors at the ARINC input.
Figure 2 shows a possible application
of the HI-8588 interfacing an ARINC re-
ceive channel to the HI-6010 which in
turn interfaces to an 8-bit bus.
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8588CRM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8588CRM HOLTIC-HI-8588CRM Datasheet
167Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588CRM-10 HOLTIC-HI-8588CRM-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588CRM-10 HOLTIC-HI-8588CRM-10 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588CRMF-10 HOLTIC-HI-8588CRMF-10 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
More results

Similar Description - HI-8588CRM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588 Datasheet
167Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10_14 Datasheet
63Kb / 7P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10_06 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com