Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8685PSI Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-8685PSI
Description  ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8685PSI Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-8685PSI Datasheet HTML 3Page - Holt Integrated Circuits HI-8685PSI Datasheet HTML 4Page - Holt Integrated Circuits HI-8685PSI Datasheet HTML 5Page - Holt Integrated Circuits HI-8685PSI Datasheet HTML 6Page - Holt Integrated Circuits HI-8685PSI Datasheet HTML 7Page - Holt Integrated Circuits HI-8685PSI Datasheet HTML 8Page - Holt Integrated Circuits HI-8685PSI Datasheet HTML 9Page - Holt Integrated Circuits HI-8685PSI Datasheet HTML 10Page - Holt Integrated Circuits HI-8685PSI Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HI-8685, HI-8686
ORDERING INFORMATION
ADDITIONAL HI-8685 PIN CONFIGURATION
(See page 1 for additional pin configurations)
Legend:
WB
- Wide Body
For HI-8686PQ please see next page
PACKAGE
DESCRIPTION
BUILT-IN LINE
RECV’R
TEMPERATURE
RANGE
28 PIN PLASTIC SOIC - WB
YES
28 PIN PLASTIC PLCC
YES
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
NO
T
HI - 8685xx x
- xx
x
INPUT SERIES RESISTANCE
BUILT-IN
REQUIRED EXTERNALLY
PART
NUMBER
25 Kohm
10 Kohm
-10
35 Kohm
0
No dash number
PART
NUMBER
T
I
PART
NUMBER
8685PS
8685PJ
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
HI-8685
28-Pin Plastic PLCC
4
3
2
1
28
27
26
5
6
7
8
9
10
11
25
24
23
22
21
20
19
TESTB
RINB (RINB-10)
RINA (RINA-10)
ERROR
PARITY ENB
RESET
READ
HI-8685PJI
HI-8685PJT
&
HI-8685PJI-10
HI-8685PJT-10
12 13
14
15
16
17
18
D12
D11
D10
D9
D8
D7
D6
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-8685PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685PSI HOLTIC-HI-8685PSI Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685PSI-10 HOLTIC-HI-8685PSI-10 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685PSIF HOLTIC-HI-8685PSIF Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
HI-8685PSIF-10 HOLTIC-HI-8685PSIF-10 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results

Similar Description - HI-8685PSI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com