Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8588PDTF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8588PDTF
Description  ARINC 429 LINE RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8588PDTF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8588PDTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8588PDTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8588PDTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8588PDTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8588PDTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8588PDTF Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HI-8588
Voltages referenced to Ground
Supply voltages
VCC...................................................7V
ARINC input - pins3&4
Voltage at either pin......+29V to -29V
DC current per input pin................ ±10mA
Power dissipation at 25°C
plastic DIP............0.7W
ceramic DIP..........0.5W
Solder Temperature ........275°C for 10 sec
Storage Temperature........-65°C to +150°C
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Supply Voltages
VCC...........................................5V ± 5%
Temperature Range
Industrial Screening........-40°C to +85°C
Hi-Temp Screening.......-55°C to +125°C
Military Screening.........-55°C to +125°C
DC ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNITS
ARINC input voltage
one or zero
VDIN
VNIN
differential voltage, pins3&4
volts
6.5
10
13
2.5
logic input voltage
high
low
V
V
ARINC input resistance
RINA to RINB
R DIFF
RINA or RINB to Gnd or VCC
R SUP
logic input current
source
sink
I
I IH
IL
null
IH
IL
logic output drive current
one
zero
I
I
OH
OL
Current drain
operating
powerdown
common mode
VCOM
""
"
with respect to Ground
-
-
-
-
5.0
3.5
-
-
-
-
1.5
volts
volts
volts
volts
supplies floating
30
19
75
40
-
-
Kohm
Kohm
""
V
VIN
IN =5V
=0V
0.1
-
-
-
-
0.1
µA
µA
V
= 4.6V
OH
V
= 0.4V
OL
-0.8
-
-1.6
5.6
-
3.6
mA
mA
2.3
-
-
0.36
6.3
0.6
mA
mA
VCC = 5.0V UNLESS OTHERWISE STATED
OPERATING TEMPERATURE RANGE,
I
I
CC1
CC2
pins 2, 8 = 0V; pins 3, 4 open
pins 2, 8 = 5V; pins 3, 4 open
NOTE:
Stresses above absolute maximum
ratings or outside recommended operating con-
ditions may cause permanent damage to the
device. These are stress ratings only. Opera-
tion at the limits is not recommended.
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8588PDTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8588PDTF-10 HOLTIC-HI-8588PDTF-10 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
More results

Similar Description - HI-8588PDTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588 Datasheet
167Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8588-10 HOLTIC-HI-8588-10_14 Datasheet
63Kb / 7P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10_06 Datasheet
66Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com