Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8785 Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-8785
Description  ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8785 Datasheet(HTML) 7 Page - Holt Integrated Circuits

  HI-8785 Datasheet HTML 1Page - Holt Integrated Circuits HI-8785 Datasheet HTML 2Page - Holt Integrated Circuits HI-8785 Datasheet HTML 3Page - Holt Integrated Circuits HI-8785 Datasheet HTML 4Page - Holt Integrated Circuits HI-8785 Datasheet HTML 5Page - Holt Integrated Circuits HI-8785 Datasheet HTML 6Page - Holt Integrated Circuits HI-8785 Datasheet HTML 7Page - Holt Integrated Circuits HI-8785 Datasheet HTML 8Page - Holt Integrated Circuits HI-8785 Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VCC
561 DATA
DATA ZERO
DATA ONE
PARITY ENB
XMT READY
XMIT CLK
NC
A0
RESET
WRITE
561 SYNC
D0
D1
D2
D3
D4
D5
D6
NC
D7
GND
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
HI-8783PDI
&
HI-8783PDT
22 Pin Plastic DIP package
HI-8783, HI-8784, HI-8785
ADDITIONAL HI-8783 PIN CONFIGURATION
(See page 1 for additional pin configurations)
INCLUDES
LINE DRIVER
Legend:
WB - Wide Body
ORDERING INFORMATION
NO
External Line Driver Required
YES
10 Ohms
27.5 Ohms
YES
37.5 Ohms
0
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
22 PIN PLASTIC DIP (8783 ONLY)
20 PIN PLASTIC SOIC - WB (8783 ONLY)
24 PIN PLASTIC SOIC - WB (8784/8785 ONLY)
FLOW
BURN
IN
-40°C TO +85°C
NO
I
-55°C TO +125°C
NO
T
HI - 87XX xx x x
PART
NUMBER
T
I
PART
NUMBER
PD
PS
PART
NUMBER
8783
8784
8785
OUTPUT SERIES RESISTANCE
BUILT-IN
REQUIRED EXTERNALLY
LEAD
FINISH
PART
NUMBER
100% Matte Tin (Pb-free, RoHS compliant)
F
Tin / Lead (Sn / Pb) Solder
Blank
HOLT INTEGRATED CIRCUITS
7


Similar Part No. - HI-8785

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8785 HOLTIC-HI-8785 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8785 HOLTIC-HI-8785 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8785PDI HOLTIC-HI-8785PDI Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8785PDIF HOLTIC-HI-8785PDIF Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8785PDT HOLTIC-HI-8785PDT Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results

Similar Description - HI-8785

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com