Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8685PJIF Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-8685PJIF
Description  ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8685PJIF Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-8685PJIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8685PJIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8685PJIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8685PJIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8685PJIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8685PJIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8685PJIF Datasheet HTML 9Page - Holt Integrated Circuits HI-8685PJIF Datasheet HTML 10Page - Holt Integrated Circuits HI-8685PJIF Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HI-8685, HI-8686 PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
10
.7055 ± .0045
(17.920 ± .114)
.4065 ± .0125
(10.325 ± .318)
.295 ± .004
(7.493 ± .102)
.050
(1.27)
0° to 8°
.033 ± .017
(.838 ± .432)
.095 ± .005
(2.413 ± .127)
.0075 ± .0035
(.191 ± .089)
TYP
.018
(.457) TYP
SEE DETAIL A
DETAIL A
Package Type:
28-PIN PLASTIC SMALL OUTLINE (SOIC) - WB
(Wide Body)
28HW
.0105 ± .0015
(.2667 ± .0381)
Package Type:
28-PIN PLASTIC PLCC
28J
.045 x 45°
SEE DETAIL
PIN NO. 1 IDENT
.017 ±.004
(.432 ±.102)
.050 ± .005
(1.27 ± .127)
DETAIL A
.015 ± .002
(.381 ± .051)
A
.152 ± .002
(3.861 ± .051)
.020 MIN
(.508 MIN)
.026 ± .003 x 30°
(.660 ± .076 x 30°)
.035 R
(.889 R)TYP
.010 ± .0003
(.256 ± .0076)
.020 MIN
(.508 MIN)
.420 ± .010
(10.668 ± .254)
.029 ± .003
(.737 ± .076)
.454 ± .002
(11.532 ± .051)
SQ.
.490 ± .005
(12.446 ± .127)
SQ.


Similar Part No. - HI-8685PJIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685PJIF HOLTIC-HI-8685PJIF Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
HI-8685PJIF-10 HOLTIC-HI-8685PJIF-10 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results

Similar Description - HI-8685PJIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com