Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8572PDMF Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8572PDMF
Description  /- 5V Supply, ARINC 429 LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8572PDMF Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8572PDMF Datasheet HTML 1Page - Holt Integrated Circuits HI-8572PDMF Datasheet HTML 2Page - Holt Integrated Circuits HI-8572PDMF Datasheet HTML 3Page - Holt Integrated Circuits HI-8572PDMF Datasheet HTML 4Page - Holt Integrated Circuits HI-8572PDMF Datasheet HTML 5Page - Holt Integrated Circuits HI-8572PDMF Datasheet HTML 6Page - Holt Integrated Circuits HI-8572PDMF Datasheet HTML 7Page - Holt Integrated Circuits HI-8572PDMF Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
V+ = 5.0V, V- = -5V, T = Operating Temperature Range (unless otherwise stated)
A
defined in Figure 3, no load
pin 1 = logic 1
Input capacitance (1)
HI-8570, HI-8571
AC ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Line Driver propagation delay
Output high to low
Output low to high
Line Driver transition times
Output high to low
Output low to high
t phlx
plhx
t
t fx
rx
t
-
-
1.0
1.0
2.0
2.0
500
500
1.5
1.5
ns
ns
µs
µs
logic
CIN
-
-
10
pF
pin 1 = logic 1
-
-
Notes:
1. Guaranteed but not tested
FIGURE 3 - LINE DRIVER TIMING
0V
10V
-10V
5V
0V
5V
0V
t rx
t
10%
90%
tt
10%
90%
t rx
t
phlx
t
phlx
t
plhx
t
10%
plhx
t
pin 3
pin 2
t fx
t
fx
V
pin 6 - pin 7
DIFF
SLP 1.5 = V+
pin 1 = logic 1
Output high to low
Output low to high
t fx
rx
t
5.0
5.0
15.0
15.0
10.0
10.0
µs
µs
pin 1 = logic 1
SLP 1.5 = GND
Low Speed
High Speed
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8572PDMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570 Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570CRI HOLTIC-HI-8570CRI Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570CRIF HOLTIC-HI-8570CRIF Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570CRM HOLTIC-HI-8570CRM Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570CRMF HOLTIC-HI-8570CRMF Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
More results

Similar Description - HI-8572PDMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8570 HOLTIC-HI-8570_13 Datasheet
72Kb / 9P
   ARINC 429 /- 5V Supply Line Driver
HI-8570 HOLTIC-HI-8570_14 Datasheet
66Kb / 9P
   ARINC 429 Supply Line Driver
logo
Device Engineering Inco...
DEI5070 DEIAZ-DEI5070 Datasheet
324Kb / 11P
   ARINC 429 5V LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com